Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ8211AY-M5-33-TRL Datasheet(PDF) 4 Page - Acutechnology Semiconductor

Part # AQ8211AY-M5-33-TRL
Description  Ultra-Low Dropout 500mA Voltage Regulator with Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ8211AY-M5-33-TRL Datasheet(HTML) 4 Page - Acutechnology Semiconductor

  AQ8211AY-M5-33-TRL Datasheet HTML 1Page - Acutechnology Semiconductor AQ8211AY-M5-33-TRL Datasheet HTML 2Page - Acutechnology Semiconductor AQ8211AY-M5-33-TRL Datasheet HTML 3Page - Acutechnology Semiconductor AQ8211AY-M5-33-TRL Datasheet HTML 4Page - Acutechnology Semiconductor AQ8211AY-M5-33-TRL Datasheet HTML 5Page - Acutechnology Semiconductor AQ8211AY-M5-33-TRL Datasheet HTML 6Page - Acutechnology Semiconductor AQ8211AY-M5-33-TRL Datasheet HTML 7Page - Acutechnology Semiconductor AQ8211AY-M5-33-TRL Datasheet HTML 8Page - Acutechnology Semiconductor AQ8211AY-M5-33-TRL Datasheet HTML 9Page - Acutechnology Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Acutechnology Semiconductor Inc.
AQ8211
www.acutechnology.com
4
Rev. 2.1 January 22, 2006
Electrical Specifications
Electrical characteristics are guaranteed over the full temperature range -40ºC <Tj< 125ºC. Ambient
temperature must be de-rated based upon power dissipation and package thermal characteristics. Unless
otherwise specified: VENABLE = VIN = (VOUT + 1.5V), IOUT = 10 mA, Tj = 25C. Values in bold are over the full
temperature range.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
-1
VOUT
+1
%
VOUT
Output Voltage (1)
-40
°C ≤Tj ≤ 125°C
-1.5
VOUT
+1.5
%
LNREG
Line Regulation (1)
∆VEN = VOUT + (1.5V to 10V)
0.035
0.2
%
LDREG
Load Regulation (1)
∆IOUT = (10mA to 250 mA)
0.2
0.4
%
IOUT = 100 mA
50
80
mV
IOUT = 250 mA
150
200
mV
VD
Dropout Voltage (1, 2)
IOUT = 500 mA
300
350
mV
ISC
Current Limit (1)
VEN-VOUT = 2V
600
800
mA
IGND
Ground Current ON
100
150
µA
IGND
Ground Current ON (5)
Adjustable version
65
100
µA
VIL
Enable Pin Voltage (OFF)
With respect to GND
0.25
0.45
V
VIH
Enable Pin Voltage (ON)
With respect to VOUT
0.92
0.95
V
IOUT = 10 mA
0.3
0.5
mA
IOUT = 250 mA
1.8
3.0
mA
IENON
Enable Current ON
IOUT = 500 mA
3.8
5.0
mA
Adjustable version only
1.208 1.220 1.232
V
VADJ
Reference Voltage
-40
°C ≤Tj ≤ 125°C
1.202
1.238
V
IQMIN
Minimum Load Current (5)
To maintain regulation
0.5
2.0
mA
TC
Temperature Coefficient
0.005
%/
°C
TS
Temperature Stability
0.5
%/
°C
VN
RMS Output Noise (3)
0.003
%
VOUT
PSRR
Ripple Rejection Ratio (4)
Vin = 5V
60
72
dB
TSD
Thermal Shutdown
Junction Temperature
150
°C
TSDHYST
TSD Hysteresis
25
°C
Notes: (1) Low duty cycle pulse testing with Kelvin connections required.
(2) Measure (VIN - VOUT) when
∆VOUT, OR ∆VREF = 1%
(3) Bandwidth of 10Hz to 10kHz
(4) 120Hz input ripple
(5) Adjustable version only


Similar Part No. - AQ8211AY-M5-33-TRL

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
AQ80C154-12 TEMIC-AQ80C154-12 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AQ80C154-16 TEMIC-AQ80C154-16 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AQ80C154-20 TEMIC-AQ80C154-20 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AQ80C154-25 TEMIC-AQ80C154-25 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AQ80C154-30 TEMIC-AQ80C154-30 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
More results

Similar Description - AQ8211AY-M5-33-TRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_08 Datasheet
568Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_13 Datasheet
318Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_07 Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
logo
Acutechnology Semicondu...
AQ533 ACUTECH-AQ533 Datasheet
633Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5218 TSC-TS5218 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
TS2938 TSC-TS2938_15 Datasheet
144Kb / 7P
   500mA Ultra Low Dropout Voltage Regulator With Inhibit Function
TS2938CS12 TSC-TS2938CS12 Datasheet
102Kb / 6P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938 TSC-TS2938_07 Datasheet
302Kb / 7P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com