Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ8211AY-M5-AJ-TRL Datasheet(PDF) 7 Page - Acutechnology Semiconductor

Part # AQ8211AY-M5-AJ-TRL
Description  Ultra-Low Dropout 500mA Voltage Regulator with Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ8211AY-M5-AJ-TRL Datasheet(HTML) 7 Page - Acutechnology Semiconductor

Back Button AQ8211AY-M5-AJ-TRL Datasheet HTML 2Page - Acutechnology Semiconductor AQ8211AY-M5-AJ-TRL Datasheet HTML 3Page - Acutechnology Semiconductor AQ8211AY-M5-AJ-TRL Datasheet HTML 4Page - Acutechnology Semiconductor AQ8211AY-M5-AJ-TRL Datasheet HTML 5Page - Acutechnology Semiconductor AQ8211AY-M5-AJ-TRL Datasheet HTML 6Page - Acutechnology Semiconductor AQ8211AY-M5-AJ-TRL Datasheet HTML 7Page - Acutechnology Semiconductor AQ8211AY-M5-AJ-TRL Datasheet HTML 8Page - Acutechnology Semiconductor AQ8211AY-M5-AJ-TRL Datasheet HTML 9Page - Acutechnology Semiconductor AQ8211AY-M5-AJ-TRL Datasheet HTML 10Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Acutechnology Semiconductor Inc.
AQ8211
www.acutechnology.com
7
Rev. 2.1 January 22, 2006
The AQ8211 develops a 1.22V reference voltage between the adjust pin terminal and
ground. This voltage is applied across the resistor R2 to generate a constant current (I2). The
current from the adjust terminal could introduce error to the output, but since it is very small
(<0.5µA) compared with the current I2 and very constant with line and load changes, the
error can be ignored. The constant current I2 then flows through resistor R1 and sets the
output voltage to the desired level.
The AQ8211 regulates the voltage that appears between its output and ground pins or
between its adjust and ground pins. In some cases, line resistances can introduce errors to
the voltage across the load. To obtain the best load regulation a few precautions are needed.
For example, it is important to minimize the line resistances to the load. So, the load itself
should be tied directly to the output terminal on the positive side and directly to the ground
terminal on the negative side.
The best performance is obtained with the positive side of the resistor R1 tied near the load
and with the ground side of the resistor R2 tied near the ground of the regulator. This will
provide remote output sensing which will optimize regulation at the load.
4. Enable/Sequencing
The AQ8211 provides an enable function. The EN pin has to be at least 950 mV higher than
the output voltage for the device to be fully turned on. When the voltage of the EN pin is low
the device is in shutdown mode and it will not draw any current from the VIN terminal.
OUT
0
ENABLE
FIG.2 ENABLE 0-5V, Output follows to 3.3V out
(1V/div vertical, 200us/div horizontal)
In addition the enable function includes a sequencing feature, because when the enable pin
ramps in voltage the output voltage follows (it will be around 900 mV less than the enable
voltage until it reaches the regulation voltage) as shown in Fig. 2 above.
In applications where multiple regulated supply rails are required, it is often required that the
relationship between the various supply voltages be controlled during start-up and shutdown.


Similar Part No. - AQ8211AY-M5-AJ-TRL

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
AQ80C154-12 TEMIC-AQ80C154-12 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AQ80C154-16 TEMIC-AQ80C154-16 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AQ80C154-20 TEMIC-AQ80C154-20 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AQ80C154-25 TEMIC-AQ80C154-25 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AQ80C154-30 TEMIC-AQ80C154-30 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
More results

Similar Description - AQ8211AY-M5-AJ-TRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_08 Datasheet
568Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_13 Datasheet
318Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_07 Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
logo
Acutechnology Semicondu...
AQ533 ACUTECH-AQ533 Datasheet
633Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5218 TSC-TS5218 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
TS2938 TSC-TS2938_15 Datasheet
144Kb / 7P
   500mA Ultra Low Dropout Voltage Regulator With Inhibit Function
TS2938CS12 TSC-TS2938CS12 Datasheet
102Kb / 6P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938 TSC-TS2938_07 Datasheet
302Kb / 7P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com