Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1336-18BK Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S1336-18BK
Description  Si photodiode UV to near IR for precision photometry
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S1336-18BK Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S1336-18BK Datasheet HTML 1Page - Hamamatsu Corporation S1336-18BK Datasheet HTML 2Page - Hamamatsu Corporation S1336-18BK Datasheet HTML 3Page - Hamamatsu Corporation S1336-18BK Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Si photodiode
S1336 series
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho,
Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.:
19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©200
2 Hamamatsu Photonics K.K.
12.35 ± 0.1
13.9 ± 0.2
7.5 ± 0.2
MARK ( 1.4)
CONNECTED
TO CASE
WINDOW
10.5 ± 0.1
The K type borosilicate glass
window may extend a maximum
of 0.2 mm above the upper surface
of the cap.
PHOTOSENSITIVE
SURFACE
0.45
LEAD
KSPDA0104EA
S1336-8BQ/-8BK
Cat. No. KSPD1022E03
Oct. 2002 DN
4


Similar Part No. - S1336-18BK

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S1336-18BU HAMAMATSU-S1336-18BU Datasheet
93Kb / 2P
   Si photodiode For high power UV monitor, and UV to visible, precision photometry
More results

Similar Description - S1336-18BK

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S1337 HAMAMATSU-S1337 Datasheet
136Kb / 4P
   Si photodiode For UV to IR, precision photometry
S1226 HAMAMATSU-S1226 Datasheet
313Kb / 3P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
S1227 HAMAMATSU-S1227 Datasheet
147Kb / 4P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
S6337-01 HAMAMATSU-S6337-01 Datasheet
97Kb / 2P
   Large area photodiode for UV to IR, precision photometry
S1223 HAMAMATSU-S1223_06 Datasheet
77Kb / 2P
   Si PIN photodiode For visible to IR, precision photometry
S1722-02 HAMAMATSU-S1722-02 Datasheet
96Kb / 2P
   Si PIN photodiode Large area, high-speed PIN photodiodes for UV to near IR photometry
S1226-18BU HAMAMATSU-S1226-18BU Datasheet
93Kb / 2P
   Si photodiode For high power UV monitor, and UV to visible, precision photometry
S2386 HAMAMATSU-S2386 Datasheet
118Kb / 4P
   Si photodiode For visible to IR, general-purpose photometry
S2387 HAMAMATSU-S2387 Datasheet
119Kb / 4P
   Si photodiode For visible to IR, general-purpose photometry
S2551 HAMAMATSU-S2551 Datasheet
84Kb / 2P
   Si photodiode For visible to infrared precision photometry
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com