Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1723-05 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S1723-05
Description  Si PIN photodiode Large area, high-speed PIN photodiodes for UV to near IR photometry
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S1723-05 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S1723-05 Datasheet HTML 1Page - Hamamatsu Corporation S1723-05 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Si PIN photodiode
S1722-02, S1723-05
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K.
Cat. No. KPIN1045E03
Aug. 2006 DN
ANODE
TERMINAL MARK
0.5
LEAD
PHOTOSENSITIVE
SURFACE
16.5 ± 0.2
ACTIVE AREA
15.1 ± 0.3
12.5 ± 0.2
0.45
LEAD
12.35 ± 0.1
13.9 ± 0.2
7.5 ± 0.2
WINDOW
10.5 ± 0.1
PHOTOSENSITIVE
SURFACE
CASE
1.0 MAX.
INDEX MARK
1.4
The glass window may extend a
maximum of 0.3 mm above the
upper surface of the cap.
KPINA0027EC
➀ S1722-02
s Spectral response
KPINB0181EA
s Photo sensitivity temperature characteristic
KPINB0182EA
s Dark current vs. reverse voltage
KPINB0183EA
s Terminal capacitance vs. reverse voltage
KPINB0184EA
s Dimensional outlines (unit: mm)
KPINA0077EA
➁ S1723-05
0.1
190
400
600
800
1000
0.3
0.2
(Typ. Ta
=25 ˚C)
0.4
0.5
0.6
0.7
WAVELENGTH (nm)
190
400
600
800
1000
WAVELENGTH (nm)
0
(Typ. )
+0.5
+1.0
-0.5
+1.5
REVERSE VOLTAGE (V)
1 pA
0.01
0.1
1
10
100
10 pA
100 pA
1 nA
10 nA
(Typ. Ta=25 ˚C)
S1722-02
S1723-05
S1722-02
S1723-05
(Typ. Ta=25 ˚C, f=1 MHz)
REVERSE VOLTAGE (V)
1 pF
0.1
1
10
100
10 pF
100 pF
10 nF
1 nF


Similar Part No. - S1723-05

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S172 TELEDYNE-S172 Datasheet
492Kb / 3P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S172-12 TELEDYNE-S172-12 Datasheet
43Kb / 2P
   CENTIGRID SURFACE MOUNT COMMERCIAL RELAY DPDT
S172-12 TELEDYNE-S172-12 Datasheet
492Kb / 3P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S172-12/Q TELEDYNE-S172-12/Q Datasheet
492Kb / 3P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S172-12/R TELEDYNE-S172-12/R Datasheet
492Kb / 3P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
More results

Similar Description - S1723-05

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3071 HAMAMATSU-S3071 Datasheet
120Kb / 3P
   Si PIN photodiode Large area, high-speed Si PIN photodiodes
S1336 HAMAMATSU-S1336 Datasheet
232Kb / 4P
   Si photodiode UV to near IR for precision photometry
S6337-01 HAMAMATSU-S6337-01 Datasheet
97Kb / 2P
   Large area photodiode for UV to IR, precision photometry
S1223 HAMAMATSU-S1223_06 Datasheet
77Kb / 2P
   Si PIN photodiode For visible to IR, precision photometry
S1337 HAMAMATSU-S1337 Datasheet
136Kb / 4P
   Si photodiode For UV to IR, precision photometry
S9723 HAMAMATSU-S9723 Datasheet
99Kb / 2P
   Si PIN photodiode Large area Si PIN photodiode for direct detection
S3590-18 HAMAMATSU-S3590-18 Datasheet
416Kb / 2P
   Si PIN photodiode Large area Si PIN photodiode for scintillation counting
S1226 HAMAMATSU-S1226 Datasheet
313Kb / 3P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
S1227 HAMAMATSU-S1227 Datasheet
147Kb / 4P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
S5377 HAMAMATSU-S5377 Datasheet
207Kb / 2P
   Large area Si PIN photodiode for direct detection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com