Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1336-5BK Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S1336-5BK
Description  Si photodiode UV to near IR for precision photometry
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S1336-5BK Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S1336-5BK Datasheet HTML 1Page - Hamamatsu Corporation S1336-5BK Datasheet HTML 2Page - Hamamatsu Corporation S1336-5BK Datasheet HTML 3Page - Hamamatsu Corporation S1336-5BK Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si photodiode
S1336 series
REVERSE VOLTAGE (V)
0.01
(Typ. Ta
=25 ˚C)
100 fA
0.1
1
10
1 pA
10 pA
100 pA
1 nA
10 nA
S1336-8BQ/BK
S1336-18BQ/BK
S1336-5BQ/BK
S1336-44BQ/BK
0.1
190
400
600
800
1000
0.3
0.2
(Typ. Ta
=25 ˚C)
0.4
0.5
0.6
0.7
S1336-BK
S1336-BQ
WAVELENGTH (nm)
I Spectral response
I Photo sensitivity temperature characteristic
KSPDB0098EA
190
400
600
800
1000
WAVELENGTH (nm)
0
(Typ. )
+0.5
+1.0
-0.5
+1.5
KSPDB0053EB
102
(Typ. Ta
=25 ˚C, VR=0 V)
10 ns
103
104
105
100 ns
1
µs
10
µs
100
µs
1 ms
S1336-18BQ/BK
S1336-5BQ/BK
S1336-8BQ/BK
S1336-44BQ/BK
LOAD RESISTANCE (
)
I Rise time vs. load resistance
I Dark current vs. reverse voltage
KSPDB0099EA
KSPDB0100EA
2


Similar Part No. - S1336-5BK

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S1336-18BU HAMAMATSU-S1336-18BU Datasheet
93Kb / 2P
   Si photodiode For high power UV monitor, and UV to visible, precision photometry
More results

Similar Description - S1336-5BK

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S1337 HAMAMATSU-S1337 Datasheet
136Kb / 4P
   Si photodiode For UV to IR, precision photometry
S1226 HAMAMATSU-S1226 Datasheet
313Kb / 3P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
S1227 HAMAMATSU-S1227 Datasheet
147Kb / 4P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
S6337-01 HAMAMATSU-S6337-01 Datasheet
97Kb / 2P
   Large area photodiode for UV to IR, precision photometry
S1223 HAMAMATSU-S1223_06 Datasheet
77Kb / 2P
   Si PIN photodiode For visible to IR, precision photometry
S1722-02 HAMAMATSU-S1722-02 Datasheet
96Kb / 2P
   Si PIN photodiode Large area, high-speed PIN photodiodes for UV to near IR photometry
S1226-18BU HAMAMATSU-S1226-18BU Datasheet
93Kb / 2P
   Si photodiode For high power UV monitor, and UV to visible, precision photometry
S2386 HAMAMATSU-S2386 Datasheet
118Kb / 4P
   Si photodiode For visible to IR, general-purpose photometry
S2387 HAMAMATSU-S2387 Datasheet
119Kb / 4P
   Si photodiode For visible to IR, general-purpose photometry
S2551 HAMAMATSU-S2551 Datasheet
84Kb / 2P
   Si photodiode For visible to infrared precision photometry
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com