Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2387-1010R Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S2387-1010R
Description  Si photodiode For visible to IR, general-purpose photometry
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S2387-1010R Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S2387-1010R Datasheet HTML 1Page - Hamamatsu Corporation S2387-1010R Datasheet HTML 2Page - Hamamatsu Corporation S2387-1010R Datasheet HTML 3Page - Hamamatsu Corporation S2387-1010R Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
l High sensitivity
l Low dark current
l High linearity
Applications
l Analytical equipment
l Optical measurement equipment, etc.
PHOTODIODE
Si photodiode
For visible to IR, general-purpose photometry
S2387 series
s General ratings / Absolute maximum ratings
Absolute maximum ratings
Package
Active
area size
Effective
active area
Reverse
voltage
VR Max.
Operating
temperature
Topr
Storage
temperature
Tstg
Type No.
Dimensional
outline/
Window
material *
(mm)
(mm)
(mm
2)
(V)
(°C)
(°C)
S2387-16R
➀/R
2.7 × 15
1.1 × 5.9
6.4
S2387-33R
➁/R
6 × 7.6
2.4 × 2.4
5.7
S2387-66R
➂/R
8.9 × 10.1
5.8 × 5.8
33
S2387-1010R
➃/R
15 × 16.5
10 × 10
100
S2387-130R
➄/R
3.0 × 40
1.2 × 29.1
35
30
-20 to +60
-20 to +80
s Electrical and optical characteristics (Typ. Ta=25 °C, unless otherwise noted)
Photo sensitivity
S
(A/W)
Short circuit
current
Isc
100 lx
Spectral
response
range
λ
Peak
sensi-
tivity
wave-
length
λp
λp
GaP
LED
He-Ne
laser
Min. Typ.
Temp.
coeffi-
cient
of ID
TCID
Shunt
resistance
Rsh
VR=10 m V
NEP
VR=0 V
λ=λp
Dark
current
ID
VR=10 m V
Max.
Rise time
tr
VR=0 V
RL=1 k
Terminal
capaci-
tance
Ct
VR=0 V
f=10 kHz Min. Typ.
Type No.
(nm)
(nm)
560 nm 633 nm
(µA) (µA)
(pA)
(times/° C)
(µs)
(pF)
(G
Ω)(GΩ) (W/Hz1/2)
S2387-16R
4.4
6.0
S2387-33R
4.4
5.8
5
1.8
730
2
50 9.9 × 10
-16
S2387-66R
24
31
50
10
4300
0.2 10 2.2 × 10
-15
S2387-1010R
68
91
200
33
12000
0.05 5 3.1 × 10-15
S2387-130R
320 to 1100 960
0.58
0.33
0.37
25
32
100
1.12
11
5000
0.1 20 1.6 × 10
-15
* Window material, R: resin coating
1


Similar Part No. - S2387-1010R

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2387 HAMAMATSU-S2387_15 Datasheet
626Kb / 4P
   Si photodiodes
More results

Similar Description - S2387-1010R

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2386 HAMAMATSU-S2386 Datasheet
118Kb / 4P
   Si photodiode For visible to IR, general-purpose photometry
S1223 HAMAMATSU-S1223_06 Datasheet
77Kb / 2P
   Si PIN photodiode For visible to IR, precision photometry
S1227 HAMAMATSU-S1227 Datasheet
147Kb / 4P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
S1226 HAMAMATSU-S1226 Datasheet
313Kb / 3P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
S2551 HAMAMATSU-S2551 Datasheet
84Kb / 2P
   Si photodiode For visible to infrared precision photometry
S1337 HAMAMATSU-S1337 Datasheet
136Kb / 4P
   Si photodiode For UV to IR, precision photometry
S1336 HAMAMATSU-S1336 Datasheet
232Kb / 4P
   Si photodiode UV to near IR for precision photometry
S1223 HAMAMATSU-S1223 Datasheet
190Kb / 2P
   For visible IR precision photometry
S1226-18BU HAMAMATSU-S1226-18BU Datasheet
93Kb / 2P
   Si photodiode For high power UV monitor, and UV to visible, precision photometry
S6337-01 HAMAMATSU-S6337-01 Datasheet
97Kb / 2P
   Large area photodiode for UV to IR, precision photometry
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com