Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL2W331KC Datasheet(PDF) 4 Page - DB Lectro Inc

Part # KL2W331KC
Description  CHIP TYPE, 5000 HOURS LOAD LIFE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KL2W331KC Datasheet(HTML) 4 Page - DB Lectro Inc

  KL2W331KC Datasheet HTML 1Page - DB Lectro Inc KL2W331KC Datasheet HTML 2Page - DB Lectro Inc KL2W331KC Datasheet HTML 3Page - DB Lectro Inc KL2W331KC Datasheet HTML 4Page - DB Lectro Inc KL2W331KC Datasheet HTML 5Page - DB Lectro Inc KL2W331KC Datasheet HTML 6Page - DB Lectro Inc KL2W331KC Datasheet HTML 7Page - DB Lectro Inc KL2W331KC Datasheet HTML 8Page - DB Lectro Inc KL2W331KC Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CORRESPONDING TO RoHS DIRECTIVE
Aluminum electrolytic
capacitors
Chip type
Radial lead type
Snap-in type
RoHS compliant
Yes
Yes
Yes
RoHS
restricted
substances
Most concerns
on terminals
Plating on
terminals
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Construction of
terminals
Fe/Cu/Sn
Fe/Cu/Sn
Fe/Cu/Sn
Plating
characters
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 10 m
Plating type matte
No heat treatment after plating
Insulating
sleeve
No used
Replace PVC with PET
(where customer designated)
Replace PVC with PET
(where customer designated)
Resistance to
soldering heat
Please see "Lead Free Reflow
Soldering Condition" for chip
type aluminum electrolytic
capacitors
No change
No change
Solderability
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Tensile strength
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Pb
Whisker
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Whisker is not observed
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Cr
6+
Plating material
< 2ppm
< 2ppm
< 2ppm
Hg
< 2ppm
< 2ppm
< 2ppm
Cd
< 2ppm
< 2ppm
< 2ppm
PBB
Not detected
Not detected
Not detected
PBDE
Not detected
Not detected
Not detected
Identification for RoHS
compliance products
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
MSL Level
(IPC/JEDEC J-STD-020C)
Not available
No need for dry package
Not available
No need for dry package
Not available
No need for dry package
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - KL2W331KC

ManufacturerPart #DatasheetDescription
logo
Rohm
KL2000-E0KN60A ROHM-KL2000-E0KN60A Datasheet
303Kb / 2P
   For Label writers series
2021.12 - Rev.002
KL20000KN60A ROHM-KL20000KN60A Datasheet
80Kb / 2P
   For Label wr i ters ser ies
logo
Freescale Semiconductor...
KL24 FREESCALE-KL24 Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
KL24P80M48SF0 FREESCALE-KL24P80M48SF0 Datasheet
1Mb / 48P
   KL24 Sub-Family Data Sheet
logo
NXP Semiconductors
KL24P80M48SF0 NXP-KL24P80M48SF0 Datasheet
1Mb / 54P
   Kinetis KL24 Sub-Family
Rev 5 08/2014
More results

Similar Description - KL2W331KC

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCL JBCAPACITORS-JCL Datasheet
295Kb / 3P
   Load life of 3000~5000 hours
logo
United Chemi-Con, Inc.
EMVL6R3ADA CHEMI-CON-EMVL6R3ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL160ADA CHEMI-CON-EMVL160ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
logo
Illinois Capacitor, Inc...
105SVL050MCW ILLINOISCAPACITOR-105SVL050MCW_16 Datasheet
204Kb / 2P
   Long Life, up to 5000 hours
logo
United Chemi-Con, Inc.
EMZK160ADA CHEMI-CON-EMZK160ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK6R3ADA CHEMI-CON-EMZK6R3ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK350ADA CHEMI-CON-EMZK350ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK100ADA CHEMI-CON-EMZK100ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMVL250ADA CHEMI-CON-EMVL250ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL350ADA CHEMI-CON-EMVL350ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com