Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3903 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S3903
Description  NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S3903 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S3903 Datasheet HTML 1Page - Hamamatsu Corporation S3903 Datasheet HTML 2Page - Hamamatsu Corporation S3903 Datasheet HTML 3Page - Hamamatsu Corporation S3903 Datasheet HTML 4Page - Hamamatsu Corporation S3903 Datasheet HTML 5Page - Hamamatsu Corporation S3903 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NMOS linear image sensor
S3902/S3903 series
s
Shape specifications
Parameter
S3902-
128Q
S3902-
256Q
S3902-
512Q
S3903-
256Q
S3903-
512Q
S3903-
1024Q
Unit
Number of pixels
128
256
512
256
512
1024
-
Package length
31.75
40.6
31.75
40.6
mm
Number of pin
22
22
-
Window material *3
Quartz
Quartz
-
Weight
3.0
3.5
3.0
3.5
g
*3: Fiber optic plate is available.
s
Specifications (Ta=25 °C)
S3902 series
S3903 series
Parameter
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Pixel pitch
-
-50
-
-25-
µm
Pixel height
-
-
0.5
-
-
0.5
-
mm
Spectral response range
(10 % of peak)
λ
200 to 1000
200 to 1000
nm
Peak sensitivity wavelength
λp
-
600
-
-
600
-
nm
Photodiode dark current *4
ID
-
0.08
0.15
-
0.04
0.08
pA
Photodiode capacitance *4
Cph
-
4
-
-
2
-
pF
Saturation exposure *4, *5
Esat
-
180
-
-
180
-
mlx · s
Saturation output charge *4
Qsat
-
10
-
-
5
-
pC
Photo response non-uniformity *6
PRNU
--
±3
--
±3
%
*4: Vb=2.0 V, Vφ=5.0 V
*5: 2856 K, tungsten lamp
*6: 50 % of saturation, excluding the start pixel and last pixel
s
Electrical characteristics (Ta=25 °C)
S3902 series
S3903 series
Parameter
Symbol
Condition
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
High Vφ1, Vφ2 (H)
-
4.5
5
10
4.5
5
10
V
Clock pulse (φ1, φ2)
voltage
Low Vφ1, Vφ2 (L)
-0-
0.4
0
-
0.4
V
High
Vφs (H)
-
4.5
Vφ1
10
4.5
Vφ1
10
V
Start pulse (φst) voltage
Low
Vφs (L)
-
0
-
0.4
0
-
0.4
V
Video bias voltage *7
Vb
-
1.5
Vφ - 3.0 Vφ - 2.5
1.5
Vφ - 3.0 Vφ - 2.5
V
Saturation control gate voltage
Vscg
-
-
0
-
-
0
-
V
Saturation control drain voltage
Vscd
-
-
Vb
-
-
Vb
-
V
Clock pulse (φ1, φ2) rise / fall time *8
trφ1, trφ2
tfφ1, tfφ2
-
-
20
-
-
20
-
ns
Clock pulse (φ1, φ2) pulse width
tpwφ1, tpwφ2
-200
-
-200
-
-
ns
Start pulse (φst) rise / fall time
trφs, tfφs
-
-
20
-
-
20
-
ns
Start pulse (φ1, φ2) pulse width
tpwφs
-200
-
-200
-
-
ns
Start pulse (φst) and clock pulse
(φ2) overlap
tφov
-
200
-
-
200
-
-
ns
Clock pulse space *8
X1, X2
-
trf - 20
-
-
trf - 20
-
-
ns
Data rate *9
f
-
0.1
-
2000
0.1
-
2000
kHz
-
70 (-128 Q)
--
80 (-256 Q)
-ns
-
110 (-256 Q)
--
120 (-512 Q)
-ns
Video delay time
tvd
50 % of
saturation
*9, *10
-
140 (-512 Q)
--
160 (-1024 Q)
-ns
-
21 (-128 Q)
-
-
27 (-256 Q)
-
pF
-
36 (-256 Q)
-
-
50 (-512 Q)
-
pF
Clock pulse (φ1, φ2)
line capacitance
5 V bias
-
67 (-512 Q)
-
-
100 (-1024 Q)
-
pF
-
12 (-128 Q)
--
12 (-256 Q)
-pF
-
20 (-256 Q)
--
24 (-512 Q)
-pF
Saturation control gate (Vscg)
line capacitance
Cscg
5 V bias
-
35 (-512 Q)
--
45 (-1024 Q)
-pF
-
7 (-128 Q)
-
-
10 (-256 Q)
-
pF
-
11 (-256 Q)
-
-
16 (-512 Q)
-
pF
Video line capacitance
CV
2 V bias
-
20 (-512 Q)
-
-
30 (-1024 Q)
-
pF
*7: Vφ is input pulse voltage (refer to figure 8)
*8: trf is the clock pulse rise or fall time. A clock pulse space of “rise time/fall time - 20 ” ns (nanoseconds) or more should be
input if the clock pulse rise or fall time is longer than 20 ns. (refer to figure 7)
*9: Vb=2.0 V, Vφ=5.0 V
*10: Measured with C7883 driver circuit.


Similar Part No. - S3903

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3901 HAMAMATSU-S3901 Datasheet
240Kb / 6P
   NMOS Linear image sensor
S3901 HAMAMATSU-S3901 Datasheet
245Kb / 6P
   NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption
S3901 HAMAMATSU-S3901 Datasheet
196Kb / 4P
   NMOS linear image sensor
S3901-1024Q HAMAMATSU-S3901-1024Q Datasheet
122Kb / 4P
   NMOS Linear image sensor
S3901-1024Q HAMAMATSU-S3901-1024Q Datasheet
117Kb / 4P
   NMOS linear image sensor
More results

Similar Description - S3903

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3901 HAMAMATSU-S3901_05 Datasheet
245Kb / 6P
   NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption
C3901 HAMAMATSU-C3901_10 Datasheet
209Kb / 6P
   Current output, high UV sensitivity, excellent linearity, low power consumption
S8380 HAMAMATSU-S8380 Datasheet
148Kb / 4P
   NMOS linear image sensor NMOS linear image sensors with high IR sensitivity
S3901-1024Q HAMAMATSU-S3901-1024Q_07 Datasheet
117Kb / 4P
   NMOS linear image sensor
S5930 HAMAMATSU-S5930_15 Datasheet
1Mb / 10P
   NMOS linear image sensor
S3922 HAMAMATSU-S3922_15 Datasheet
229Kb / 7P
   NMOS linear image sensor
S3904-F HAMAMATSU-S3904-F Datasheet
196Kb / 4P
   NMOS linear image sensor
S3901 HAMAMATSU-S3901 Datasheet
240Kb / 6P
   NMOS Linear image sensor
S3901-1024Q HAMAMATSU-S3901-1024Q Datasheet
122Kb / 4P
   NMOS Linear image sensor
S3904-1024F HAMAMATSU-S3904-1024F Datasheet
190Kb / 4P
   NMOS Linear image sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com