Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3270 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S3270
Description  One-dimensional PSD 3 to 37 mm resistance length PSD for precision distance measurement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S3270 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S3270 Datasheet HTML 1Page - Hamamatsu Corporation S3270 Datasheet HTML 2Page - Hamamatsu Corporation S3270 Datasheet HTML 3Page - Hamamatsu Corporation S3270 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
One-dimensional PSD
S3979, S3931, S3932, S1352, S3270
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2005 Hamamatsu Photonics K.K.
Cat. No. KPSD1002E03
Jul. 2005 DN
ACTIVE AREA
5.5 ± 0.25
3.0
2.2
42.3 ± 0.4
55 ± 0.5
1.0
PHOTOSENSITIVE
SURFACE
0.45 ± 0.05
LEAD
3.75 ± 0.25
40.3 ± 0.4
ANODE (X1)
CATHODE (COMMON)
ANODE (X2)
5.0 ± 0.2
4.0
(2 ×) R2.2
(2 ×) R1.1
X
KPSDA0050EA
KPSDA0048EA
9.2 ± 0.2
5.08 ± 0.3
(4 ×) 0.4
ACTIVE
AREA
0.7
PHOTOSENSITIVE
SURFACE
CATHODE (COMMON)
ANODE (X2)
CATHODE (COMMON)
ANODE (X1)
X
KPSDA0049EA
KPSDA0016EA
(4 ×) 0.4
10.16 ± 0.4
ACTIVE AREA
PHOTOSENSITIVE
SURFACE
0.7
CATHODE (COMMON)
ANODE (X2)
CATHODE (COMMON)
ANODE (X1)
15.2 ± 0.2
X
ACTIVE AREA
0.75 t GLASS
57.0 ± 0.6
0.75
LEAD
PHOTOSENSITIVE
SURFACE
19.05
19.05
51.5 ± 0.5
X
ANODE (X1)
CATHODE (COMMON)
ANODE (X2)
S3931
S3932
S3270
S1352
4


Similar Part No. - S3270

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3270 ETC-S3270 Datasheet
1Mb / 16P
   POSITION SENSITIVE DETECTOR
More results

Similar Description - S3270

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3931 HAMAMATSU-S3931_15 Datasheet
132Kb / 4P
   6 to 37 mm resistance length PSD for precision distance measurement
S8673 HAMAMATSU-S8673 Datasheet
125Kb / 2P
   One-dimensional PSD using SIP (Single Inline Package)
S1880 HAMAMATSU-S1880 Datasheet
136Kb / 4P
   Two-dimensional PSD Non-discrete position sensor utilizing photodiode surface resistance
S8543 HAMAMATSU-S8543 Datasheet
123Kb / 2P
   One-dimensional PSD Long, narrow active area and surface mountable package
logo
Mitsubishi Electric Sem...
M52959FP MITSUBISHI-M52959FP Datasheet
64Kb / 8P
   PSD ON CHIP DISTANCE DETECTION SIGNAL PROCESSOR
logo
Hamamatsu Corporation
S5990-01 HAMAMATSU-S5990-01 Datasheet
143Kb / 2P
   Two-dimensional PSD Improved tetra-lateral type for surface mounting
C10443 HAMAMATSU-C10443_15 Datasheet
308Kb / 5P
   PSD modules
C9068 HAMAMATSU-C9068_15 Datasheet
140Kb / 3P
   PSD signal processing circuit
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
C10460 HAMAMATSU-C10460_15 Datasheet
360Kb / 4P
   Signal processing unit for PSD module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com