Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5344 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S5344
Description  Short wavelength type APD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S5344 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S5344 Datasheet HTML 1Page - Hamamatsu Corporation S5344 Datasheet HTML 2Page - Hamamatsu Corporation S5344 Datasheet HTML 3Page - Hamamatsu Corporation S5344 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Si APD
S5343 to S5345, S9073 to S9075
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2004 Hamamatsu Photonics K.K.
0.45
LEAD
8.1 ± 0.1
PHOTOSENSITIVE
SURFACE
9.1 ± 0.2
5.08 ± 0.2
CASE
1.5 MAX.
WINDOW
5.9 ± 0.1
The glass window may extend
a maximum of 0.2 mm beyond
the upper surface of the cap.
Cat. No. KAPD1001E05
Apr. 2004 DN
0.45
LEAD
4.7 ± 0.1
5.4 ± 0.2
2.54 ± 0.2
CASE
PHOTOSENSITIVE
SURFACE
WINDOW
3.0 ± 0.2
1.2 MAX.
The glass window may extend
a maximum of 0.1 mm beyond
the upper surface of the cap.
INDEX MARK
1.4
1.0 MAX.
0.45
LEAD
12.35 ± 0.1
13.9 ± 0.2
7.5 ± 0.2
WINDOW
10.5 ± 0.2
PHOTOSENSITIVE
SURFACE
CASE
The glass window may extend
a maximum of 0.2 mm beyond
the upper surface of the cap.
KAPDA0014EA
s Dimensional outlines (unit: mm)
KAPDA0016EB
➂ S5345
➀ S9073, S9074, S5343
➁ S9075, S5344
KAPDA0015EA
4


Similar Part No. - S5344

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S5340 BOTHHAND-S5340 Datasheet
40Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
More results

Similar Description - S5344

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8664 HAMAMATSU-S8664 Datasheet
110Kb / 3P
   Short wavelength type APD
S12053-02 HAMAMATSU-S12053-02_15 Datasheet
232Kb / 5P
   Short wavelength type APD, for 600 nm band
S8890 HAMAMATSU-S8890 Datasheet
142Kb / 3P
   Long wavelength type APD
S8890 HAMAMATSU-S8890_15 Datasheet
502Kb / 4P
   Long wavelength type APD
logo
Mitsubishi Electric Sem...
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
   APD MODULE FOR LONG WAVELENGTH BAND
logo
Roithner LaserTechnik G...
RLT6405G ROITHNER-RLT6405G Datasheet
195Kb / 1P
   short wavelength laserdiode
logo
Mitsubishi Electric Sem...
FU-318AP-M6 MITSUBISHI-FU-318AP-M6 Datasheet
40Kb / 3P
   InGaAs APD MODULE FOR LONG WAVELENGTH BAND
FU-319SPA-X6M2X MITSUBISHI-FU-319SPA-X6M2X Datasheet
99Kb / 6P
   APD-TIA MODULE FOR LONG WAVELENGTH BAND
logo
Hamamatsu Corporation
S8550 HAMAMATSU-S8550 Datasheet
103Kb / 2P
   4 횞 8 element APD array with low noise and enhanced short-wavelength sensitivity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com