Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP1H330LC Datasheet(PDF) 9 Page - DB Lectro Inc

Part # KP1H330LC
Description  CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KP1H330LC Datasheet(HTML) 9 Page - DB Lectro Inc

Back Button KP1H330LC Datasheet HTML 5Page - DB Lectro Inc KP1H330LC Datasheet HTML 6Page - DB Lectro Inc KP1H330LC Datasheet HTML 7Page - DB Lectro Inc KP1H330LC Datasheet HTML 8Page - DB Lectro Inc KP1H330LC Datasheet HTML 9Page - DB Lectro Inc KP1H330LC Datasheet HTML 10Page - DB Lectro Inc KP1H330LC Datasheet HTML 11Page - DB Lectro Inc KP1H330LC Datasheet HTML 12Page - DB Lectro Inc KP1H330LC Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Cleaning condition: Total cleaning time shall be within 5 minutes by immersion, ultrasonic or other
method. Temperature of the cleaning agent shall be 60 C or lower. After
cleaning, capacitors should be dried using hot air for minimum of 10 minutes
along with the PC board. Hot air temperature should be below the maximum
operating temperature of the capacitor. Insufficient dry after water rinse may
cause appearance problems, sleeve shirk, bottom- plate bulge and such.
Avoid using ozone destructive substance for cleaning agents to concern about global
environment. Please consult us regarding other cleaning agents or cleaning methods.
3. In The Equipment
1) Do not directly touch terminal by hand.
2) Do not short between terminal by conductor, nor spill conductible liquid such as alkaline or acidic
solution on or near the capacitor.
3) Please make sure that the ambient conditions where the set is installed will be free from spilling water
or oil, direct sunlight, ultraviolet rays, radiation, poisonous gases, vibration or mechanical shock.
4. Maintenance and Inspection
Please periodically inspect the aluminum capacitors that are installed in industrial equipment. The
following Items should be checked:
Appearance: Remarkable abnormality such as vent operation, leaking electrolyte etc.
Electrical characteristic: Capacitance, dielectric loss tangent, leakage current etc., which are specified
in this catalogue.
5. In an Emergency
1) If you see smoke due to operation of safety vent, turn off the main switch or pull out the plug from the
outlet.
2) Do not draw your face to the safety vent since gas over 100 C will be emitted when the safety vent
operates. If the gas has entered your eyes, please flush your eyes immediately in pure water. If you
breathed the gas immediately wash out your mouth and throat with water. Do not ingest electrolyte. If
your skin is exposed to electrolyte, please wash it away using soap and water.
6. Storage
1) Do not keep capacitor in high temperature and high humidity.
Storage conditions should be:
Temperature : +5 C ~ +35 C
Humidity
: Lower than 75%
Place
: Indoor
2) Avoid ambient conditions where capacitors can be covered with water, brine or oil.
3) Avoid ambient conditions where capacitors are exposed to poisonous gases such as hydrogen sulfide,
sulfurous acid, nitrous acid, chlorine, ammonium etc.
4) Do not keep capacitor in conditions that expose the capacitor to ozone, ultraviolet ray or radiation.
7. Disposal
Please dispose capacitors in either of the following ways:
1) Incinerate capacitors after crushing parts or making a hole on the capacitor body.
2) Bury capacitors in the ground. Please have a disposal specialist do it.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - KP1H330LC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KP100 INFINEON-KP100 Datasheet
75Kb / 13P
   Surface Mount Capacitive Silicon Absolute Pressure Sensor
2003-05
logo
ZHEJIANG HUAJING RECTIF...
KP1000A HUAJING-KP1000A Datasheet
283Kb / 3P
   Phase Control Thyristor
logo
Shenzhen Luguang Electr...
KP1000A LUGUANG-KP1000A Datasheet
3Mb / 4P
   Phase control thyristor
logo
ZHEJIANG HUAJING RECTIF...
KP100A HUAJING-KP100A Datasheet
257Kb / 3P
   Phase Control Thyristor
logo
COSMO Electronics Corp...
KP1010 COSMO-KP1010 Datasheet
57Kb / 1P
   ELECTRONICS CORPORATION
More results

Similar Description - KP1H330LC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CK1A100KC DBLECTRO-CK1A100KC Datasheet
517Kb / 13P
   CHIP TYPE, WIDE TEMPERATURE RANGE
logo
Nichicon corporation
UWT1E101MCL1GS NICHICON-UWT1E101MCL1GS Datasheet
414Kb / 3P
   Chip Type, Wide Temperature Range
logo
DB Lectro Inc
CN1A100KC DBLECTRO-CN1A100KC Datasheet
526Kb / 13P
   CHIP TYPE, NON-POLARIZED
logo
NIHON DEMPA KOGYO
2725T_18 NDK-2725T_18_03 Datasheet
901Kb / 1P
   Wide Operating Temperature Range Type
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
   Wide Temperature Range
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
   Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
   Wide temperature range
logo
STANLEY ELECTRIC CO.,LT...
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
   Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
   Wide Temperature Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com