Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5931-1024S Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S5931-1024S
Description  NMOS linear image sensor Built-in thermoelectric cooler ensures long exposure time and stable operation.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S5931-1024S Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S5931-1024S Datasheet HTML 1Page - Hamamatsu Corporation S5931-1024S Datasheet HTML 2Page - Hamamatsu Corporation S5931-1024S Datasheet HTML 3Page - Hamamatsu Corporation S5931-1024S Datasheet HTML 4Page - Hamamatsu Corporation S5931-1024S Datasheet HTML 5Page - Hamamatsu Corporation S5931-1024S Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NMOS linear image sensor
S5930/S5931 series
OXIDATION SILICON
N TYPE SILICON
P TYPE SILICON
S5930 SERIES: a=50 µm, b=45 µm
S5931 SERIES: a=25 µm, b=20 µm
b
a
KMPDC0020EA
Figure 1 Equivalent circuit
Vss
START
st
CLOCK
CLOCK
1
2
ACTIVE
PHOTODIODE
SATURATION
CONTROL GATE
SATURATION
CONTROL DRAIN
DUMMY DIODE
DUMMY VIDEO
ACTIVE VIDEO
END OF SCAN
DIGITAL SHIFT RE
GISTER
(MOS SHIFT RE
GISTER)
Figure 2 Active area structure
KMPDA0132EA
s
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Input pulse (φ1, φ2, φst) voltage
15
V
Operating temperature *1
Topr
-40 to +65
°C
Storage temperature
Tstg
-40 to +85
°C
*1: No condensation. Ambient temperature should be less than the element cooling temperature +35 °C. (Example: Ambient
temperature should be less than 35 °C in order to keep the element temperature at 0 °C.)
s
Specifications (Ta=25 °C, unless otherwise noted)
S5930 series
S5931 series
Parameter
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Pixel pitch
-
-50-
-25
-
µm
Pixel height
-
-
2.5
-
-
2.5
-
mm
Spectral response range
(10 % of peak)
λ
200 to 1000
200 to 1000
nm
Peak sensitivity wavelength
λp
-
600
-
-
600
-
nm
25 °C
-
0.2
0.6
-
0.1
0.3
Photodiode dark current* 0 °C
ID
-
0.006
0.018
-
0.003
0.009
pA
Photodiode capacitance *2
Cph
-
20
-
-
10
-
pF
Saturation exposure *2, *3
Esat
-
180
-
-
180
-
mlx · s
Saturation output charge *2
Qsat
-
50
-
-
25
-
pC
Photo response non-uniformity*4
PRNU
--
±3
--
±3
%
*2: Vb=2.0 V, Vφ=5.0 V
*3: 2856 K, tungsten lamp
*4: 50 % of saturation, excluding the start pixel and last pixel


Similar Part No. - S5931-1024S

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S5931-1024S HAMAMATSU-S5931-1024S Datasheet
243Kb / 6P
   NMOS multichannel detector head
More results

Similar Description - S5931-1024S

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3901-1024Q HAMAMATSU-S3901-1024Q_07 Datasheet
117Kb / 4P
   NMOS linear image sensor
S5930 HAMAMATSU-S5930_15 Datasheet
1Mb / 10P
   NMOS linear image sensor
S3922 HAMAMATSU-S3922_15 Datasheet
229Kb / 7P
   NMOS linear image sensor
S3904-F HAMAMATSU-S3904-F Datasheet
196Kb / 4P
   NMOS linear image sensor
S3901 HAMAMATSU-S3901 Datasheet
240Kb / 6P
   NMOS Linear image sensor
S3901-1024Q HAMAMATSU-S3901-1024Q Datasheet
122Kb / 4P
   NMOS Linear image sensor
S3904-1024F HAMAMATSU-S3904-1024F Datasheet
190Kb / 4P
   NMOS Linear image sensor
S3902 HAMAMATSU-S3902_15 Datasheet
161Kb / 6P
   NMOS linear image sensor
S3901-F HAMAMATSU-S3901-F_15 Datasheet
143Kb / 4P
   NMOS linear image sensor
S3921 HAMAMATSU-S3921_15 Datasheet
213Kb / 7P
   NMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com