Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL2D330LC Datasheet(PDF) 6 Page - DB Lectro Inc

Part # KL2D330LC
Description  CHIP TYPE, 5000 HOURS LOAD LIFE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KL2D330LC Datasheet(HTML) 6 Page - DB Lectro Inc

Back Button KL2D330LC Datasheet HTML 2Page - DB Lectro Inc KL2D330LC Datasheet HTML 3Page - DB Lectro Inc KL2D330LC Datasheet HTML 4Page - DB Lectro Inc KL2D330LC Datasheet HTML 5Page - DB Lectro Inc KL2D330LC Datasheet HTML 6Page - DB Lectro Inc KL2D330LC Datasheet HTML 7Page - DB Lectro Inc KL2D330LC Datasheet HTML 8Page - DB Lectro Inc KL2D330LC Datasheet HTML 9Page - DB Lectro Inc KL2D330LC Datasheet HTML 10Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SERIES CHART
Chip Type Aluminum Electrolytic Capacitors
CN
85 C
Non-polarized
KP
105 C
Non-polarized
CS
85 C
Standard
CK
105 C Wide
temperature
EL
105 C Long
life assurance
KH
125 C High
reliability
KL
105 C 5000
hours load life
LZ
105 C Low
impedance
KZ
105 C Extra
lower
impedance
Wide
temperature
Non-polarized
Wide temperature
Low impedance
Extra Low impedance
Extra longer life
Longer life
Higher
reliability
FZ
105 C Long life
with extra lower
impedance
Longer life
HU
Mid-to-high
voltage
Higher
Voltage
Low leakage
current
SC
8
5 C Low
leakage current
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - KL2D330LC

ManufacturerPart #DatasheetDescription
logo
Rohm
KL2000-E0KN60A ROHM-KL2000-E0KN60A Datasheet
303Kb / 2P
   For Label writers series
2021.12 - Rev.002
KL20000KN60A ROHM-KL20000KN60A Datasheet
80Kb / 2P
   For Label wr i ters ser ies
logo
Freescale Semiconductor...
KL24 FREESCALE-KL24 Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
KL24P80M48SF0 FREESCALE-KL24P80M48SF0 Datasheet
1Mb / 48P
   KL24 Sub-Family Data Sheet
logo
NXP Semiconductors
KL24P80M48SF0 NXP-KL24P80M48SF0 Datasheet
1Mb / 54P
   Kinetis KL24 Sub-Family
Rev 5 08/2014
More results

Similar Description - KL2D330LC

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCL JBCAPACITORS-JCL Datasheet
295Kb / 3P
   Load life of 3000~5000 hours
logo
United Chemi-Con, Inc.
EMVL6R3ADA CHEMI-CON-EMVL6R3ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL160ADA CHEMI-CON-EMVL160ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
logo
Illinois Capacitor, Inc...
105SVL050MCW ILLINOISCAPACITOR-105SVL050MCW_16 Datasheet
204Kb / 2P
   Long Life, up to 5000 hours
logo
United Chemi-Con, Inc.
EMZK160ADA CHEMI-CON-EMZK160ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK6R3ADA CHEMI-CON-EMZK6R3ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK350ADA CHEMI-CON-EMZK350ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK100ADA CHEMI-CON-EMZK100ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMVL250ADA CHEMI-CON-EMVL250ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL350ADA CHEMI-CON-EMVL350ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com