Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP2A470LC Datasheet(PDF) 4 Page - DB Lectro Inc

Part # KP2A470LC
Description  CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KP2A470LC Datasheet(HTML) 4 Page - DB Lectro Inc

  KP2A470LC Datasheet HTML 1Page - DB Lectro Inc KP2A470LC Datasheet HTML 2Page - DB Lectro Inc KP2A470LC Datasheet HTML 3Page - DB Lectro Inc KP2A470LC Datasheet HTML 4Page - DB Lectro Inc KP2A470LC Datasheet HTML 5Page - DB Lectro Inc KP2A470LC Datasheet HTML 6Page - DB Lectro Inc KP2A470LC Datasheet HTML 7Page - DB Lectro Inc KP2A470LC Datasheet HTML 8Page - DB Lectro Inc KP2A470LC Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CORRESPONDING TO RoHS DIRECTIVE
Aluminum electrolytic
capacitors
Chip type
Radial lead type
Snap-in type
RoHS compliant
Yes
Yes
Yes
RoHS
restricted
substances
Most concerns
on terminals
Plating on
terminals
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Construction of
terminals
Fe/Cu/Sn
Fe/Cu/Sn
Fe/Cu/Sn
Plating
characters
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 10 m
Plating type matte
No heat treatment after plating
Insulating
sleeve
No used
Replace PVC with PET
(where customer designated)
Replace PVC with PET
(where customer designated)
Resistance to
soldering heat
Please see "Lead Free Reflow
Soldering Condition" for chip
type aluminum electrolytic
capacitors
No change
No change
Solderability
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Tensile strength
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Pb
Whisker
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Whisker is not observed
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Cr
6+
Plating material
< 2ppm
< 2ppm
< 2ppm
Hg
< 2ppm
< 2ppm
< 2ppm
Cd
< 2ppm
< 2ppm
< 2ppm
PBB
Not detected
Not detected
Not detected
PBDE
Not detected
Not detected
Not detected
Identification for RoHS
compliance products
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
MSL Level
(IPC/JEDEC J-STD-020C)
Not available
No need for dry package
Not available
No need for dry package
Not available
No need for dry package
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - KP2A470LC

ManufacturerPart #DatasheetDescription
logo
ZHEJIANG HUAJING RECTIF...
KP2000A HUAJING-KP2000A Datasheet
289Kb / 3P
   Phase Control Thyristor
KP200A HUAJING-KP200A Datasheet
282Kb / 3P
   Phase Control Thyristor
logo
Kingbright Corporation
KP2012SEC KINGBRIGHT-KP2012SEC Datasheet
103Kb / 4P
   2.0X01.2mm SMD CHIP LED LAMP
logo
ZHEJIANG HUAJING RECTIF...
KP20A HUAJING-KP20A Datasheet
1Mb / 6P
   Standard Rectifier Diode
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
More results

Similar Description - KP2A470LC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CK1A100KC DBLECTRO-CK1A100KC Datasheet
517Kb / 13P
   CHIP TYPE, WIDE TEMPERATURE RANGE
logo
Nichicon corporation
UWT1E101MCL1GS NICHICON-UWT1E101MCL1GS Datasheet
414Kb / 3P
   Chip Type, Wide Temperature Range
logo
DB Lectro Inc
CN1A100KC DBLECTRO-CN1A100KC Datasheet
526Kb / 13P
   CHIP TYPE, NON-POLARIZED
logo
NIHON DEMPA KOGYO
2725T_18 NDK-2725T_18_03 Datasheet
901Kb / 1P
   Wide Operating Temperature Range Type
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
   Wide Temperature Range
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
   Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
   Wide temperature range
logo
STANLEY ELECTRIC CO.,LT...
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
   Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
   Wide Temperature Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com