Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AHC174 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54AHC174
Description  HEX D-TYPE FLIP-FLOPS WITH CLEAR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AHC174 Datasheet(HTML) 5 Page - Texas Instruments

  SN54AHC174_07 Datasheet HTML 1Page - Texas Instruments SN54AHC174_07 Datasheet HTML 2Page - Texas Instruments SN54AHC174_07 Datasheet HTML 3Page - Texas Instruments SN54AHC174_07 Datasheet HTML 4Page - Texas Instruments SN54AHC174_07 Datasheet HTML 5Page - Texas Instruments SN54AHC174_07 Datasheet HTML 6Page - Texas Instruments SN54AHC174_07 Datasheet HTML 7Page - Texas Instruments SN54AHC174_07 Datasheet HTML 8Page - Texas Instruments SN54AHC174_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN54AHC174, SN74AHC174
HEX D-TYPE FLIP-FLOPS
WITH CLEAR
SCLS425F – JUNE 1998 – REVISED FEBRUARY 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC174
SN74AHC174
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF
130*
240*
110*
110
MHz
fmax
CL = 50 pF
90
180
80
80
MHz
tPHL
CLR
Any Q
CL = 15 pF
3*
7.6*
1*
9*
1
9
ns
tPLH
CLK
Any Q
CL =15 pF
4.1*
7.2*
1*
8.5*
1
8.5
ns
tPHL
CLK
Any Q
CL = 15 pF
4.1*
7.2*
1*
8.5*
1
8.5
ns
tPHL
CLR
Any Q
CL = 50 pF
4.2
9.6
1
11
1
11
ns
tPLH
CLK
Any Q
CL =50 pF
5.5
9.2
1
10.5
1
10.5
ns
tPHL
CLK
Any Q
CL = 50 pF
5.5
9.2
1
10.5
1
10.5
ns
tsk(o)
CL = 50 pF
1**
1
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
** On products compliant to MIL-PRF-38535, this parameter does not apply.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
15.2
pF


Similar Part No. - SN54AHC174_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC174FK TI-SN54AHC174FK Datasheet
123Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC174J TI-SN54AHC174J Datasheet
123Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC174W TI-SN54AHC174W Datasheet
123Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN54AHC174_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV174 TI-SN54LV174 Datasheet
155Kb / 8P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC174 TI-SN54HC174 Datasheet
92Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI-SN54AHCT174 Datasheet
101Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
CD54ACT174 TI-CD54ACT174 Datasheet
316Kb / 10P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74HC174 RENESAS-HD74HC174 Datasheet
100Kb / 8P
   Hex D-type Flip-Flops (with Clear)
logo
Hitachi Semiconductor
HD74LV174A HITACHI-HD74LV174A Datasheet
64Kb / 15P
   Hex D-type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com