Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7986-01 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S7986-01
Description  CCD area image sensor Back-thinned FT-CCD for low-light-level NTSC B/W TV application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7986-01 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S7986-01 Datasheet HTML 1Page - Hamamatsu Corporation S7986-01 Datasheet HTML 2Page - Hamamatsu Corporation S7986-01 Datasheet HTML 3Page - Hamamatsu Corporation S7986-01 Datasheet HTML 4Page - Hamamatsu Corporation S7986-01 Datasheet HTML 5Page - Hamamatsu Corporation S7986-01 Datasheet HTML 6Page - Hamamatsu Corporation S7986-01 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CCD area image sensor
S7986-01, S7987-01
s Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating temperature
Topr
-50
-
+30
°C
Storage temperature
Tstg
-50
-
+70
°C
OD voltage
VOD
-0.5
-
+25
V
RD voltage
VRD
-0.5
-
+18
V
ISV voltage
VISV
-0.5
-
+18
V
ISH voltage
VISH
-0.5
-
+18
V
IGV voltage
VIG1V, VIG2V
-10
-
+15
V
IGH voltage
VIG1H, VIG2H
-10
-
+15
V
SG voltage
VSG
-10
-
+15
V
OG voltage
VOG
-10
-
+15
V
RG voltage
VRG
-10
-
+15
V
TG voltage
VTG
-10
-
+15
V
Vertical clock voltage (image area)
VP1VI, VP2VI
-10
-
+15
V
Vertical clock voltage (storage area)
VP1VS, VP2VS
-10
-
+15
V
Horizontal clock voltage
VP1H, VP2H
-10
-
+15
V
s Operating conditions (MPP mode, Ta=25 °C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Output transistor drain voltage
VOD
12
15
18
V
Reset drain voltage
VRD
11.5
12
12.5
V
Output gate voltage
VOG
13
5
V
Substrate voltage
VSS
-
0
-
V
Test point (vertical input source)
VISV
-VRD
-V
Test point (horizontal input source)
VISH
-
VRD
-
V
Test point (vertical input gate)
VIG1V, VIG2V
-8
0
-
V
Test point (horizontal input gate)
VIG1H, VIG2H
-8
0
-
V
High
VP1VIH, VP2VIH
46
8
Vertical shift register
clock voltage (Image area)
Low
VP1VIL, VP2VIL
-9
-8
-7
V
High
VP1VSH, VP2VSH
4
6
8
Vertical shift register
clock voltage (Storage area)
Low
VP1VSL, VP2VSL
-9
-8
-7
V
High
VP1HH, VP2HH
46
8
Horizontal shift register
clock voltage
Low
VP1HL, VP2HL
-9
-8
-7
V
High
VSGH
4
6
8
Summing gate voltage
Low
VSGL
-9
-8
-7
V
High
VRGH
46
8
Reset gate voltage
Low
VRGL
-9
-8
-7
V
High
VTGH
4
6
8
Transfer gate voltage
Low
VTGL
-9
-8
-7
V
s Electrical characteristics (Ta=25 °C)
Parameter
Symbol
Remark
Min.
Typ.
Max.
Unit
Signal output frequency
fc
-
-
1
14
MHz
Reset clock frequency
frg
-
-
1
14
MHz
Vertical shift register capacitance
(Image area)
CP1VI
CP2VI
-
-
3,000 (TBD)
-
pF
Vertical shift register capacitance
(Storage area)
CP1VS
CP2VS
-
-
3,000 (TBD)
-
pF
Horizontal shift register capacitance
CP1H, CP2H
-
-
100 (TBD)
-
pF
Summing gate capacitance
CSG
-
-
7
-
pF
Reset gate capacitance
CRG
--
7
-
pF
Transfer gate capacitance
CTG
-
-
50 (TBD)
-
pF
Transfer efficiency
CTE
*1
0.99995
0.99999
-
-
DC output level
Vout
*2
-
8 (TBD)
-
V
Output impedance
Zo
*2
-
500 (TBD)
-
Power dissipation
P
*2, *3
-
60 (TBD)
-
mW
*1: Charge transfer efficiency per pixel, measured at half of the full well capacity.
*2: VOD=15 V, Load resistance=2.2 k
*3: Power dissipation of the on-chip amplifier.
2


Similar Part No. - S7986-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7986-01 HAMAMATSU-S7986-01 Datasheet
207Kb / 8P
   CCD area image sensor Back-thinned FT-CCD for low-light-level NTSC B/W TV application
S7986-01 HAMAMATSU-S7986-01_09 Datasheet
207Kb / 8P
   CCD area image sensor Back-thinned FT-CCD for low-light-level NTSC B/W TV application
More results

Similar Description - S7986-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7986-01 HAMAMATSU-S7986-01_09 Datasheet
207Kb / 8P
   CCD area image sensor Back-thinned FT-CCD for low-light-level NTSC B/W TV application
C7040 HAMAMATSU-C7040_10 Datasheet
308Kb / 10P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043_09 Datasheet
792Kb / 8P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043 Datasheet
300Kb / 7P
   Designed for back-thinned CCD area image sensor
C10150 HAMAMATSU-C10150_15 Datasheet
1Mb / 7P
   Designed for back-thinned CCD area image sensor
C7180 HAMAMATSU-C7180_15 Datasheet
328Kb / 9P
   Detector heads for back-thinned CCD area image sensor
C7180 HAMAMATSU-C7180_07 Datasheet
215Kb / 3P
   Detector head for back-thinned CCD area image sensor
C10150 HAMAMATSU-C10150 Datasheet
204Kb / 7P
   CCD multichannel detector head Designed for back-thinned CCD area image sensor
C9047 HAMAMATSU-C9047 Datasheet
157Kb / 4P
   Designed for back-thinned CCD area image sensors
S8844-0909 HAMAMATSU-S8844-0909 Datasheet
171Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com