Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPI-FIFO Datasheet(PDF) 4 Page - Digital Core Design

Part # DSPI-FIFO
Description  Serial Peripheral Interface Master/Slave with FIFO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DSPI-FIFO Datasheet(HTML) 4 Page - Digital Core Design

  DSPI-FIFO Datasheet HTML 1Page - Digital Core Design DSPI-FIFO Datasheet HTML 2Page - Digital Core Design DSPI-FIFO Datasheet HTML 3Page - Digital Core Design DSPI-FIFO Datasheet HTML 4Page - Digital Core Design DSPI-FIFO Datasheet HTML 5Page - Digital Core Design DSPI-FIFO Datasheet HTML 6Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
BLOCK DIAGRAM
Shift register and Read Data Buffer
– it is a
central element in the SPI system. The sys-
tem is single buffered in the transmit direction
and double buffered in the receive direction.
This fact means new data for transmission
cannot be written to the shifter until the previ-
ous transaction is complete; however, re-
ceived data is transferred into a parallel read
data buffer so the shifter is free to accept a
second serial character. As long as the first
character is read out of the read data buffer
before the next serial character is ready to be
transferred, no overrun condition will occur.
When an SPI transfer occurs, an 8-bit char-
acter is shifted out on data pin while a differ-
ent 8-bit character is simultaneously shifted in
a second data pin. Another way to view this
transfer is that an 8-bit shift register in the
master and another 8-bit shift register in the
slave are connected as a circular 16-bit shift
register. When a transfer occurs, this distrib-
uted shift register is shifted eight bit positions;
thus, the characters in the master and slave
are effectively exchanged.
8-Bit Shift Register
MSB
LSB
SPI Clock
Logic
Divider
÷8 - ÷1024
SPI Ctrl. Reg.
SPI Status Reg.
clk
SPR
CPHA
CPOL
SPI
Controller
mo
so
mi
si
scko
scki
scken
datao(7:0)
ss
SS Ctrl. Reg.
ss7o
ss6o
ss5o
ss4o
ss3o
ss2o
ss1o
ss0o
datai(7:0)
addr(2:0)
cs
we
rd
TX-FIFO
64
÷ 512
RX-FIFO
64
÷ 512
Read buffer
FIFO Ctrl. Reg.
soen
Receiver FIFO
- The Rx FIFO can be 64
(128, 256, 512) levels deep, it receives data
until the number of bytes in the FIFO equals
the selected interrupt trigger level. At that time
if interrupt is enabled, the DSPI_FIFO
will
issue an interrupt to the CPU. The Rx FIFO
will continue to store bytes until it is full, and
will not accept any next byte. Any more data
entering the Rx shift register will set the Over-
run Error flag.
Transmitter FIFO
- the Tx portion of the
DSPI_FIFO transmits data through SO/MO as
soon as the CPU loads a byte into the Tx
FIFO in Master mode. In Slave mode the
transmission is started after correct edge of
the SCK signal. The DSPI_FIFO will prevent
loads to the Tx FIFO if it currently holds 64
(128, 256, 512) characters (depending on
SFCR(5) bit value and selected FIFO size).
Loading to the Tx FIFO again will be enabled
as soon as the next character is transferred to
the Tx shift register. These capabilities ac-
count for the largely autonomous operation of
the Tx
Control Register
may be read or written at
any time, is used to configure the DSPI_FIFO
System. This register controls the mode of
transmission (Master, Slave), polarity and
phase of SPI Clock and transmission speed.
Status Register
(SPSR) is read only register
contains flags indicating the completion of
transfer or occurrence of system errors. All
flags are set automatically when the corre-
sponding event occur and cleared by software
sequence.
Slave Select Control Register
configures
which slave select output should be driven
while SPI master transfer. Contents of SSCR
register is automatically assigned on SS7O-
SS0O pins when DSPI_FIFO master trans-
mission starts.
SPI Clock Logic
- Software can select any of
four combinations of serial clock (SCK) phase
and polarity using two bits in the SPI control
register (SPCR). The clock polarity is specified
by the CPOL control bit, which selects an ac-
tive high or active low clock and has no sig-
nificant effect on the transfer format. The clock
phase (CPHA) control bit selects one of two
fundamentally different transfer formats. The
clock phase and polarity should be identical
for the master SPI device and the communi-
cating slave device. In some cases, the phase
and polarity are changed between transfers to
allow a master device to communicate with
peripheral slaves having different require-
ments. The flexibility of the SPI system on the


Similar Part No. - DSPI-FIFO

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DSPI DCD-DSPI Datasheet
94Kb / 6P
   Serial Peripheral Interface - Master/Slave
logo
Microchip Technology
DSPIC MICROCHIP-DSPIC Datasheet
8Mb / 20P
   16-bit Embedded Control Solutions PIC24 Microcontrollers dsPIC Digital Signal Controllers
11/27/12
DSPIC24H MICROCHIP-DSPIC24H Datasheet
988Kb / 80P
   Flash Programming Specification
2007
DSPIC30F MICROCHIP-DSPIC30F Datasheet
3Mb / 248P
   General Purpose and Sensor Families High-Performance Digital Signal Controllers
2004
DSPIC30F MICROCHIP-DSPIC30F Datasheet
3Mb / 220P
   High-Performance Digital Signal Controllers
2004
More results

Similar Description - DSPI-FIFO

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DSPI DCD-DSPI Datasheet
94Kb / 6P
   Serial Peripheral Interface - Master/Slave
DSPIS DCD-DSPIS Datasheet
139Kb / 5P
   Serial Peripheral Interface - Slave
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
   I2C Bus Interface - Master/Slave
logo
Renesas Technology Corp
R1EX25512ATA00A RENESAS-R1EX25512ATA00A Datasheet
566Kb / 21P
   Serial Peripheral Interface
logo
Prosoft-Technology
MVI69-MCM PROSOFT-MVI69-MCM Datasheet
405Kb / 3P
   Modbus Master/Slave Network Interface Module
logo
Texas Instruments
TLC320AD50C-I TI1-TLC320AD50C-I_15 Datasheet
927Kb / 57P
[Old version datasheet]   SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
TLC320AD50C-I TI-TLC320AD50C-I Datasheet
271Kb / 53P
[Old version datasheet]   SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
logo
Intel Corporation
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
   UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Intel Corporation
UPI-C42 INTEL-UPI-C42 Datasheet
345Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com