Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALS165 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54ALS165
Description  PARALLEL-LOAD 8-BIT REGISTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS165 Datasheet(HTML) 4 Page - Texas Instruments

  SN54ALS165 Datasheet HTML 1Page - Texas Instruments SN54ALS165 Datasheet HTML 2Page - Texas Instruments SN54ALS165 Datasheet HTML 3Page - Texas Instruments SN54ALS165 Datasheet HTML 4Page - Texas Instruments SN54ALS165 Datasheet HTML 5Page - Texas Instruments SN54ALS165 Datasheet HTML 6Page - Texas Instruments SN54ALS165 Datasheet HTML 7Page - Texas Instruments SN54ALS165 Datasheet HTML 8Page - Texas Instruments SN54ALS165 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN54ALS165, SN74ALS165
PARALLELLOAD 8BIT REGISTERS
SDAS157B − JUNE 1982 − REVISED DECEMBER 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions
SN54ALS165
SN74ALS165
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
− 0.4
− 0.4
mA
IOL
Low-level output current
4
8
mA
fclock
Clock frequency
0
35
0
45
MHz
tw(CLK)
Pulse duration, CLK (see Figure 1)
CLK high
14
11
ns
tw(CLK)
Pulse duration, CLK (see Figure 1)
CLK low
14
11
ns
tw(load)
Pulse duration, SH/LD low
CLK low
15
12
ns
tsu1
Setup time, clock enable (see Figure 1)
15
11
ns
tsu2
Setup time, parallel input (see Figure 1)
11
10
ns
tsu3
Setup time, serial input (see Figure 2)
11
10
ns
tsu4
Setup time, shift (see Figure 2)
15
10
ns
th
Hold time at any input
4
4
ns
TA
Operating free-air temperature
−55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS165
SN74ALS165
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
− 1.5
− 1.5
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = − 0.4 mA
VCC −2
VCC −2
V
VOL
VCC = 4.5 V
IOL = 4 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
− 0.1
− 0.1
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
−20
−112
−30
−112
mA
ICC
VCC = 5.5 V,
See Note 1
12
24
12
24
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
NOTE 1: With the outputs open, CLK INH and CLK at 4.5 V, and a clock pulse applied to SH/LD, ICC is measured first with the parallel inputs at
4.5 V, then with the parallel inputs grounded.


Similar Part No. - SN54ALS165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS165 TI-SN54ALS165 Datasheet
114Kb / 7P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SN54ALS165 TI-SN54ALS165 Datasheet
419Kb / 1P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SN54ALS165FK TI-SN54ALS165FK Datasheet
114Kb / 7P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SN54ALS165J TI-SN54ALS165J Datasheet
114Kb / 7P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
More results

Similar Description - SN54ALS165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS165 TI-SN74ALS165 Datasheet
419Kb / 1P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SN54ALS165 TI-SN54ALS165 Datasheet
114Kb / 7P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SN54LV166A TI-SN54LV166A_08 Datasheet
525Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74LV165A TI-SN74LV165A Datasheet
472Kb / 17P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54LV165A TI-SN54LV165A_07 Datasheet
735Kb / 19P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI1-SN54166_15 Datasheet
974Kb / 21P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com