Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9913BCPZ1 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9913BCPZ1
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913BCPZ1 Datasheet(HTML) 5 Page - Analog Devices

  AD9913BCPZ1 Datasheet HTML 1Page - Analog Devices AD9913BCPZ1 Datasheet HTML 2Page - Analog Devices AD9913BCPZ1 Datasheet HTML 3Page - Analog Devices AD9913BCPZ1 Datasheet HTML 4Page - Analog Devices AD9913BCPZ1 Datasheet HTML 5Page - Analog Devices AD9913BCPZ1 Datasheet HTML 6Page - Analog Devices AD9913BCPZ1 Datasheet HTML 7Page - Analog Devices AD9913BCPZ1 Datasheet HTML 8Page - Analog Devices AD9913BCPZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD9913
Rev. 0 | Page 5 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Maximum Junction Temperature
150°C
AVDD, DVDD
2 V
Digital Output Current
5 mA
Storage Temperature
–65°C to +150°C
Operating Temperature
–40°C to +105°C
Lead Temperature (Soldering, 10 sec)
300°C
θJA
36.1°C/W
θJC
4.2°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
EQUIVALENT CIRCUITS
DIGITAL INPUTS
INPUT
DVDD_I/O
IOUT
IOUT
DAC OUTPUTS
AVDD
AVOID OVERDRIVING DIGITAL INPUTS.
FORWARD BIASING ESD DIODES MAY
COUPLE DIGITAL NOISE ONTO POWER
PINS.
MUST TERMINATE OUTPUTS TO AGND
FOR CURRENT FLOW. DO NOT EXCEED
THE OUTPUT VOLTAGE COMPLIANCE
RATING.
Figure 2. Equivalent Input and Output Circuits


Similar Part No. - AD9913BCPZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9913BCPZ AD-AD9913BCPZ Datasheet
723Kb / 32P
   CMOS Direct Digital Synthesizer
AD9913BCPZ-REEL7 AD-AD9913BCPZ-REEL7 Datasheet
723Kb / 32P
   CMOS Direct Digital Synthesizer
More results

Similar Description - AD9913BCPZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9859 AD-AD9859_09 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859_15 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com