Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9913BCPZ1 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9913BCPZ1
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913BCPZ1 Datasheet(HTML) 1 Page - Analog Devices

  AD9913BCPZ1 Datasheet HTML 1Page - Analog Devices AD9913BCPZ1 Datasheet HTML 2Page - Analog Devices AD9913BCPZ1 Datasheet HTML 3Page - Analog Devices AD9913BCPZ1 Datasheet HTML 4Page - Analog Devices AD9913BCPZ1 Datasheet HTML 5Page - Analog Devices AD9913BCPZ1 Datasheet HTML 6Page - Analog Devices AD9913BCPZ1 Datasheet HTML 7Page - Analog Devices AD9913BCPZ1 Datasheet HTML 8Page - Analog Devices AD9913BCPZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Low Power 250 MSPS 10-Bit DAC 1.8 V
CMOS Direct Digital Synthesizer
AD9913
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
50 mW at up to 250 MSPS internal clock speed
100 MHz analog output
Integrated 10-bit DAC
0.058 Hz or better frequency resolution
0.022° phase tuning resolution
Programmable modulus in frequency equation
Phase noise ≤ –135 dBc per Hz @ 1 kHz offset (DAC output)
(<115 dBc per Hz when using on-board PLL multiplier)
Excellent dynamic performance
>80 dB SFDR @ 100 MHz (±100 kHz offset) AOUT
Automatic linear frequency sweeping capability
8 frequency or phase offset profiles
1.8 V power supply
Software and hardware controlled power-down
Parallel and serial programming options
32-lead LFCSP package
Optional PLL REF_CLK multiplier
Internal oscillator (can be driven by a single crystal)
Phase modulation capability
APPLICATIONS
Portable and handheld equipment
Agile LO frequency synthesis
Programmable clock generator
FM chirp source for radar and scanning systems
GENERAL DESCRIPTION
The AD9913 is a complete direct digital synthesizer (DDS)
designed to meet the stringent power consumption limits of
portable, handheld, and battery-powered equipment. The
AD9913 features a 10-bit digital-to-analog converter (DAC)
operating up to 250 MSPS. The AD9913 uses advanced DDS
technology, coupled with an internal high speed, high
performance DAC to form a complete, digitally-program-
mable, high frequency synthesizer capable of generating a
frequency agile analog output sinusoidal waveform at up to
100 MHz.
The AD9913 provides fast frequency hopping and fine tuning
resolution. The AD9913 also offers fine resolution phase offset
control. Control words are loaded into the AD9913 through the
serial or parallel I/O port. The AD9913 also supports a user-
defined linear sweep mode of operation for generating highly
linearized swept waveforms of frequency. To support various
methods of generating a system clock, the AD9913 includes an
oscillator, allowing a simple crystal to be used as the frequency
reference, as well as a high speed clock multiplier to convert the
reference clock frequency up to the full system clock rate. For
power saving considerations, many of the individual blocks of
the AD9913 can be powered down when not in use.
The AD9913 operates over the extended industrial temperature
range of −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
REF_CLK INPUT
CIRCUITRY
TIMING AND
CONTROL LOGIC
DDS
10-BIT
DAC
USER INTERFACE
AD9913
Figure 1.


Similar Part No. - AD9913BCPZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9913BCPZ AD-AD9913BCPZ Datasheet
723Kb / 32P
   CMOS Direct Digital Synthesizer
AD9913BCPZ-REEL7 AD-AD9913BCPZ-REEL7 Datasheet
723Kb / 32P
   CMOS Direct Digital Synthesizer
More results

Similar Description - AD9913BCPZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9859 AD-AD9859_09 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859_15 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com