Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8746-01 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S8746-01
Description  Photodiode and preamp integrated with feedback resistance and capacitance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8746-01 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S8746-01 Datasheet HTML 1Page - Hamamatsu Corporation S8746-01 Datasheet HTML 2Page - Hamamatsu Corporation S8746-01 Datasheet HTML 3Page - Hamamatsu Corporation S8746-01 Datasheet HTML 4Page - Hamamatsu Corporation S8746-01 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOTODIODE
Si photodiode with preamp
Photodiode and preamp integrated with feedback resistance and capacitance
S8745-01, S8746-01
S8745-01, S8746-01 are low-noise sensors consisting of Si photodiode, op amp, and feedback resistance and capacitance, all integrated into a
small package. By simply connecting to a power supply, S8745-01 and S8746-01 can be used in low-light-level measurement such as analytical
equipment and measurement equipment. The active area of the photodiode is internally connected to the GND terminal making it highly resistant
to EMC noise.
Features
Applications
l Si photodiode for UV to near IR precision photometry
l Small hermetic sealed package with quartz window
S8745-01: TO-5
S8746-01: TO-8
l Active area
S8745-01: 2.4 × 2.4 mm
S8746-01: 5.8 × 5.8 mm
l FET input operational amplifier with low power
dissipation
l Built-in Rf=1 GΩ and Cf=5 pF
l Variable gain with an externally connected resistor
l Low noise and NEP
l Package with shielding effect
l Resistant to EMC noise
l Spectrophotometry
l General-purpose optical measurement
1
s Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Value
Unit
Supply voltage (op amp)
Vcc
±20
V
Power dissipation
P
500
mW
Operating temperature
Topr
-20 to +60
°C
Storage temperature
Tstg
-30 to +80
°C
s Electrical and optical characteristics (Typ. Ta=25
°C, Vcc=±15 V, RL=1 MΩ, unless otherwise noted)
Parameter
Symbol
Condition
S8745-01
S8746-01
Unit
Spectral response range
λ
190 to 1100
nm
Peak sensitivity wavelength
λp
960
nm
Feedback resistance (built-in)
Rf
1
G
Feedback capacitance (built-in)
Cf
5
pF
λ=200 nm
0.12
Photo sensitivity
S
λ=λp0.52
V/nW
Dark state f=10 Hz
6
7
Output noise voltage
Vn
Dark state, f=20 Hz
5
6
µVrms/Hz
1/2
λ=λp, f=10 Hz
11
15
Noise equivalent power
NEP
λ=λp, f=20 Hz
11
15
fW/Hz
1/2
Output offset voltage
Vos
Dark state
±4
mV
Cut-off frequency
fc
-3 dB
32
Hz
Output voltage swing
Vo
13
V
Supply current
Icc
Dark state
0.3
mA
S8745-01, S8746-01 may be damaged by Electro Static Discharge, etc. Please see Precautions for use in the last page.


Similar Part No. - S8746-01

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
S8740180GT PDI-S8740180GT Datasheet
62Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 18.7dB min. Gain @ 870MHz 240mA max. @ 24VDC
logo
RF Micro Devices
S8740180GT RFMD-S8740180GT Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
logo
Qorvo, Inc
S8740180GT QORVO-S8740180GT Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
logo
List of Unclassifed Man...
S8740190 ETC-S8740190 Datasheet
64Kb / 4P
   Si Push Pull, 40 - 870MHz, 18.5dB min. Gain @870MHz, 240mA max. @ 24VDC
logo
PREMIER DEVICES, INC.
S8740190 PDI-S8740190 Datasheet
67Kb / 4P
   Si Push Pull Hybrid 40 - 870MHz 18.5dB min. Gain @ 870MHz 240mA max. @ 24VDC
More results

Similar Description - S8746-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9269 HAMAMATSU-S9269 Datasheet
114Kb / 3P
   Photodiode and preamp integrated with feedback resistance and capacitance
S9269 HAMAMATSU-S9269_15 Datasheet
399Kb / 4P
   Si photodiode with preamp
S7998 HAMAMATSU-S7998 Datasheet
151Kb / 3P
   Si photodiode with preamp
logo
Burr-Brown (TI)
OPT301 BURR-BROWN-OPT301 Datasheet
163Kb / 11P
   INTEGRATED PHOTODIODE AND AMPLIFIER
OPT201 BURR-BROWN-OPT201 Datasheet
213Kb / 11P
   INTEGRATED PHOTODIODE AND AMPLIFIER
logo
Hamamatsu Corporation
G8338 HAMAMATSU-G8338 Datasheet
108Kb / 2P
   InGaAs PIN photodiode with preamp
G9845-14 HAMAMATSU-G9845-14 Datasheet
76Kb / 2P
   GaAs PIN photodiode with preamp
G10518-51 HAMAMATSU-G10518-51 Datasheet
311Kb / 2P
   InGaAs PIN photodiode with preamp
G9820 HAMAMATSU-G9820 Datasheet
90Kb / 2P
   InGaAs PIN photodiode with preamp
G8340 HAMAMATSU-G8340 Datasheet
101Kb / 2P
   InGaAs PIN photodiode with preamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com