Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8664-50K Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S8664-50K
Description  Short wavelength type APD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8664-50K Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S8664-50K Datasheet HTML 1Page - Hamamatsu Corporation S8664-50K Datasheet HTML 2Page - Hamamatsu Corporation S8664-50K Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2005 Hamamatsu Photonics K.K.
Cat. No. KAPD1012E04
Sept. 2005 DN
Si APD
S8664 series
KAPDA0026EA
s Dimensional outlines (unit: mm)
KAPDA0027EA
➀ S8664-02K/-05K/-10K/-20K
➁ S8664-30K/-50K
5.9 ± 0.1
5.08 ± 0.2
S8664-02K
0.2
Type No.
a
S8664-05K
0.5
S8664-10K
1.0
S8664-20K
2.0
Y
X
8.1 ± 0.1
9.1 ± 0.2
1.5 MAX.
ACTIVE AREA
a
PHOTOSENSITIVE
SURFACE
0.45
LEAD
CASE
The glass window may extend
a maximum of 0.2 mm beyond
the upper surface of the cap.
INDEX MARK
1.4
PHOTOSENSITIVE SURFACE
13.9 ± 0.2
12.35 ± 0.1
10.5 ± 0.2
7.5 ± 0.2
1.0 MAX.
ACTIVE AREA
a
0.45
LEAD
CASE
S8664-30K
3.0
Type No.
a
S8664-50K
5.0
The glass window may extend
a maximum of 0.2 mm beyond
the upper surface of the cap.
➂ S8664-55
5.0
1.5
5.08
(3.0)
(5.5)
0.45
10.6
ACTIVE AREA
5 × 5
0.80
INDEX MARK
General tolerance: ±0.2
EPOXY RESIN
PHOTOSENSITIVE
SURFACE
KAPDA0022EA
➃ S8664-1010
5.08
(2 ×) 2
0.5
* From center of active area
to center of package
13.7
ACTIVE AREA
10 × 10
(4 ×) C0.5
PHOTOSENSITIVE
SURFACE
EPOXY RESIN
General tolerance: ±0.2
0.46
0.70
KAPDA0036EA


Similar Part No. - S8664-50K

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S8664 SATCO-S8664 Datasheet
122Kb / 1P
   36 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
More results

Similar Description - S8664-50K

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S5343 HAMAMATSU-S5343 Datasheet
85Kb / 4P
   Short wavelength type APD
S12053-02 HAMAMATSU-S12053-02_15 Datasheet
232Kb / 5P
   Short wavelength type APD, for 600 nm band
S8890 HAMAMATSU-S8890 Datasheet
142Kb / 3P
   Long wavelength type APD
S8890 HAMAMATSU-S8890_15 Datasheet
502Kb / 4P
   Long wavelength type APD
logo
Mitsubishi Electric Sem...
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
   APD MODULE FOR LONG WAVELENGTH BAND
logo
Roithner LaserTechnik G...
RLT6405G ROITHNER-RLT6405G Datasheet
195Kb / 1P
   short wavelength laserdiode
logo
Mitsubishi Electric Sem...
FU-318AP-M6 MITSUBISHI-FU-318AP-M6 Datasheet
40Kb / 3P
   InGaAs APD MODULE FOR LONG WAVELENGTH BAND
FU-319SPA-X6M2X MITSUBISHI-FU-319SPA-X6M2X Datasheet
99Kb / 6P
   APD-TIA MODULE FOR LONG WAVELENGTH BAND
logo
Hamamatsu Corporation
S8550 HAMAMATSU-S8550 Datasheet
103Kb / 2P
   4 횞 8 element APD array with low noise and enhanced short-wavelength sensitivity
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com