Part Name
         Description
TSL2301

 102 X 1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOGTODIGITAL CONVERTER ( 12 Page)


TAOS
100% 
Zoom Out Zoom In
 6 page
background image
TSL2301
102 × 1 LINEAR OPTICAL SENSOR ARRAY
WITH ANALOGTODIGITAL CONVERTER
TAOS007 – JULY 2000
6
www.taosinc.com
t
t
Copyright
E 2000, TAOS Inc.
APPLICATION INFORMATION
Serial I/O
B0
B1
B2
B3
B4
B5
B6
B7
Stop
Start
SDIN
SCLK
Start
B0
B1
B2
B3
B4
B5
B6
B7
Stop
Start
SDOUT
SCLK
Start
Serial Input Data Format
Serial Output Data Format
Command description
The TSL2301 is a slave device that reacts strictly to commands received from the controller. There are three
types of commands, reset commands, pixel action commands and register commands. These commands
cause the device to perform functions such as: reset, integrate, sample, etc. Each command is described in
more detail in Table 3. All commands are single-byte except for the register write command, which is two bytes.
There is a requirement for delay of 8 clocks after each command to allow for processing of the command.
Table 3. TSL2301 Command Set
COMMAND
DESCRIPTION
IRESET
Interface Reset
RESET
Reset Integration and Read blocks
STARTInt
Start pixel integration
SAMPLEInt
Stop integration and sample results
READPixel
Dump serial the contents of each sampled integrator
ABORTPixel
Abort any READPixel operation in progress
READHold
Combination of SAMPLEInt and READPixel commands
READHoldNStart
Combination of SAMPLEInt, READPixel and STARTInt commands
REGWrite
Write a gain, offset or mode register
REGRead
Read a gain, offset or mode register
1  2  3  4  5  6  7  8  9  10  11  12 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TSL3301-LF102 × 1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOG-TO-DIGITAL CONVERTER 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TSL1401CS-LF128 × 1 LINEAR SENSOR ARRAY WITH HOLD 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TSL1401R-LF128 × 1 LINEAR SENSOR ARRAY WITH HOLD 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TSL1402R256 × 1 LINEAR SENSOR ARRAY WITH HOLD 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TSL1406R768 × 1 LINEAR SENSOR ARRAY WITH HOLD 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TSL1410R1280 × 1 LINEAR SENSOR ARRAY WITH HOLD 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TSL1412S1536 × 1 LINEAR SENSOR ARRAY WITH HOLD 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TSLW1401REXTENDED TEMPERATURE 128 × 1 LINEAR SENSOR ARRAY WITH HOLD 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
ACS704ELC-005_06Fully Integrated Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
XRD982414-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control 1 2 3 4 5 MoreExar Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl