Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8984 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S8984
Description  CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8984 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S8984 Datasheet HTML 1Page - Hamamatsu Corporation S8984 Datasheet HTML 2Page - Hamamatsu Corporation S8984 Datasheet HTML 3Page - Hamamatsu Corporation S8984 Datasheet HTML 4Page - Hamamatsu Corporation S8984 Datasheet HTML 5Page - Hamamatsu Corporation S8984 Datasheet HTML 6Page - Hamamatsu Corporation S8984 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CCD area image sensor
S8984, S8985-02
......
......
X-RAY IRRADIATION
MONITORING PHOTODIODE
PD
P1V’
P2V’
TG’
SS
RG’
OG
SG’
P1H’
P2H’
OS
OD
RD
3
s Electrical and optical characteristics (Ta=25 °C, unless otherwise noted, VOD=15 V)
Parameter
Symbol
Remark
Min.
Typ.
Max.
Unit
Vertical
100
200
-
Horizontal
-
300
-
Full well capacity
Summing
Fw
-
600
-
ke
-
CCD node sensitivity
Sv
*
5
1.0
1.4
-
µV/e
-
Dark current (MPP mode)
DS
*
6
-
250
2,500
e
-/pixel/s
Readout noise
Nr
*
7
-
60
-
e
-rms
Dynamic range
DR
*
8
-
3,333
-
-
X-ray response non-uniformity
XRNU
*
9, *10
-
±10
±30
%
White spots
-
-
20
Point
defects *
12
Black spots
-
-
20
Cluster defects
*
13
--
3
Blemish *
11
Column defects
-
*
14
--
1
-
X-ray resolution
∆R
*
9
15
20
-
Lp/mm
*5: VOD=15 V, RL(load resistance of emitter follower)=1 k
Ω.
*6: Dark signal doubles for every 5 to 7 °C.
*7: -40 °C, operating frequency is 1 MHz.
*8: Dynamic range = Full well capacity / Readout noise
*9: X-ray irradiation of 60 kVp, measured at half of the full well capacity.
*10: XRNU (%) = Noise / Signal × 100
Noise: Fixed pattern noise (peak to peak)
In the range that excludes 5 pixels from edges to the center at every position.
*11: Refer to “Characteristics and use of FFT-CCD area image sensor” of technical information.
*12: White spots > 10 times of Max. Dark signal (2500 e
-/pixel/s).
Black spots > 50 % reduction in response relative to adjacent pixels, measured at half of the full well capacity.
*13: continuous 2 to 9 point defects.
*14: continuous > 10 point defects.
s Device structure
KMPDC0220EA
s Pixel format
Left
Horizontal Direction
Right
Blank
Optical
black
Isolation
Effective
Isolation
Optical
black
Blank
2
2
1
1700
1
0
2
Top
← Vertical direction → Bottom
Isolation
Effective
Isolation
1
1200
1


Similar Part No. - S8984

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8984-02 HAMAMATSU-S8984-02_15 Datasheet
238Kb / 3P
   Front-illuminated FFT-CCD for X-ray imaging
More results

Similar Description - S8984

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8986 HAMAMATSU-S8986 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01_11 Datasheet
162Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S8980 HAMAMATSU-S8980 Datasheet
185Kb / 7P
   Front-illuminated FFT-CCDs for X-ray imaging
S8984-02 HAMAMATSU-S8984-02_15 Datasheet
238Kb / 3P
   Front-illuminated FFT-CCD for X-ray imaging
S8658-01 HAMAMATSU-S8658-01 Datasheet
150Kb / 7P
   Front-illuminated FFT-CCD for X-ray imaging
S10814 HAMAMATSU-S10814 Datasheet
361Kb / 10P
   Front-illuminated FFT-CCD for X-ray imaging
S9978 HAMAMATSU-S9978 Datasheet
159Kb / 6P
   CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com