Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9737 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # S9737
Description  CCD area image sensor 10241024 pixels, front-illuminated FFT-CCDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9737 Datasheet(HTML) 7 Page - Hamamatsu Corporation

  S9737 Datasheet HTML 1Page - Hamamatsu Corporation S9737 Datasheet HTML 2Page - Hamamatsu Corporation S9737 Datasheet HTML 3Page - Hamamatsu Corporation S9737 Datasheet HTML 4Page - Hamamatsu Corporation S9737 Datasheet HTML 5Page - Hamamatsu Corporation S9737 Datasheet HTML 6Page - Hamamatsu Corporation S9737 Datasheet HTML 7Page - Hamamatsu Corporation S9737 Datasheet HTML 8Page - Hamamatsu Corporation S9737 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CCD area image sensor
S9737 series
Parameter
Symbol
Remark
Min.
Typ.
Max.
Unit
Pulse width
Tpwv6
18
-
µs
P1V
P2V, TG
Rise and fall time
Tprv, Tpfv
*13
200
-
-
ns
Pulse width
Tpwh
500
5000
-
ns
Rise and fall time
Tprh, Tpfh
10
-
-
ns
P1H, P2H
Duty ratio
-
*13
-
50
-
%
Pulse width
Tpws
500
5000
-
ns
Rise and fall time
Tprs, Tpfs
10
-
-
ns
SG
Duty ratio
-
-
-50
-
%
Pulse width
Tpwr
100
500
-
ns
RG
Rise and fall time
Tprr, Tpfr
-
5
-
-
ns
TG – P1H
Overlap time
Tovr
-
3
6
-
µs
*13: Symmetrical pulses should be overlapped at 50 % of maximum amplitude.
KMPDC0157EA
q Area scanning 2 (large full well mode)
INTEGRATION PERIOD
(Shutter must be open)
P1V
RG
OS
P2V, TG
P1H
P2H, SG
READOUT PERIOD (Shutter must be closed)
ENLARGED VIEW
4..1031 1032
←1024+8 (ISOLATION)
Tpwv
Tovr
Tpwr
D1
D2
D3
D4
D18
D19
D20
D5..D12, S1..S1024, D13..D17
P2V, TG
P1H
P2H, SG
RG
OS
Tpwh, Tpws
12
3
Parameter
Symbol
Remark
Min.
Typ.
Max.
Unit
Pulse width
Tpwv6
18
-
µs
P1V
P2V, TG
Rise and fall time
Tprv, Tpfv
*14
200
-
-
ns
Pulse width
Tpwh
500
5000
-
ns
Rise and fall time
Tprh, Tpfh
10
-
-
ns
P1H, P2H
Duty ratio
-
*14
-
50
-
%
Pulse width
Tpws
500
5000
-
ns
Rise and fall time
Tprs, Tpfs
10
-
-
ns
SG
Duty ratio
-
-
-50
-
%
Pulse width
Tpwr
100
500
-
ns
RG
Rise and fall time
Tprr, Tpfr
-
5
-
-
ns
TG – P1H
Overlap time
Tovr
-
3
6
-
µs
*14: Symmetrical pulses should be overlapped at 50 % of maximum amplitude.
7


Similar Part No. - S9737

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737_15 Datasheet
325Kb / 9P
   1024 x 1024 pixels, front-illuminated FFT-CCDs
More results

Similar Description - S9737

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737_15 Datasheet
325Kb / 9P
   1024 x 1024 pixels, front-illuminated FFT-CCDs
S9736 HAMAMATSU-S9736 Datasheet
798Kb / 9P
   CCD area image sensor 512 횞 512 pixels, front-illuminated FFT-CCDs
logo
ATMEL Corporation
TH7887A ATMEL-TH7887A Datasheet
220Kb / 20P
   Area Array CCD Image Sensor 1024 x 1024 Pixels with Antiblooming
TH7888A ATMEL-TH7888A Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
logo
Hamamatsu Corporation
S9978 HAMAMATSU-S9978 Datasheet
159Kb / 6P
   CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
logo
List of Unclassifed Man...
TH7888A ETC-TH7888A Datasheet
2Mb / 16P
   AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
logo
Texas Instruments
TC215 TI-TC215 Datasheet
307Kb / 19P
[Old version datasheet]   1024- 횞 1024-PIXEL CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com