Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10043 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S10043
Description  Highly reliable photodiode for VUV detection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10043 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S10043 Datasheet HTML 1Page - Hamamatsu Corporation S10043 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHOTODIODE
Si photodiode
Highly reliable photodiode for VUV detection
S10043
S10043 is a Si photodiode designed to detect high-power ArF excimer lasers (193 nm) with high accuracy and stability. By combining our
newly developed technologies for forming ultra-thin PN junctions and high-reliability ultra-thin metal films, S10043 shows almost no change
in sensitivity even after exposure to ArF excimer laser beam of 1 kJ/cm2.
Features
Applications
l Greatly improved sensitivity stability even after exposure
to ArF (
λ=193 nm) excimer laser
l Windowless package *1
l ArF excimer laser detection
l Various UV detection
1
s Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Value
Unit
Reverse voltage
VR Max.
5
V
Operating temperature *
2
Topr
-20 to +60
°C
Storage temperature *
2
Tstg
-55 to +80
°C
s Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Spectral response range
λ
-
190 to 1000
-
nm
Peak sensitivity wavelength
λp
-
720
-
nm
Photo sensitivity
S
λ=193 nm
10
15
-
mA/W
Dark current
ID
VR=10 mV
-
0.1
1
nA
Terminal capacitance
Ct
VR=0 V, f=10 kHz
-
4
-
nF
Rise time
tr
VR=0 V, RL=1 k
10 to 90 %
-
9
-
µs
*1: S10043 uses a windowless package with no protection on the photodiode chip, and is shipped with the package held with
glass tape. Remove the glass tape when using.
*2: No condensation


Similar Part No. - S10043

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10043 HAMAMATSU-S10043_15 Datasheet
175Kb / 3P
   Si photodiode
More results

Similar Description - S10043

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9682 HAMAMATSU-S9682 Datasheet
102Kb / 2P
   Highly reliable photodiode for VUV detection
S9682 HAMAMATSU-S9682_11 Datasheet
103Kb / 3P
   Si photodiode Highly reliable photodiode for VUV detection
S8551 HAMAMATSU-S8551 Datasheet
117Kb / 2P
   Photodiodes for VUV (Vacuum UV) detection
logo
List of Unclassifed Man...
12ACC12T4V10 ETC2-12ACC12T4V10 Datasheet
1Mb / 8P
   Highly reliable spring contacts for
logo
Amphenol Corporation
P562 AMPHENOL-P562 Datasheet
69Kb / 2P
   Highly reliable, silicon pressure sensor
logo
Topstek Inc.
TMC-100A TOPSTEK-TMC-100A Datasheet
129Kb / 2P
   Highly reliable Hall Effect device
TGD-3A TOPSTEK-TGD-3A Datasheet
99Kb / 2P
   Highly reliable Hall Effect device
THDD-5A TOPSTEK-THDD-5A Datasheet
92Kb / 2P
   Highly reliable Hall Effect device
logo
TE Connectivity Ltd
V23003 TEC-V23003 Datasheet
1Mb / 5P
   Highly reliable multi purpose relay
logo
Freescale Semiconductor...
PXS20PB FREESCALE-PXS20PB Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com