Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5110G Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF5110G
Description  3V GSM POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5110G Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF5110G Datasheet HTML 7Page - RF Micro Devices RF5110G Datasheet HTML 8Page - RF Micro Devices RF5110G Datasheet HTML 9Page - RF Micro Devices RF5110G Datasheet HTML 10Page - RF Micro Devices RF5110G Datasheet HTML 11Page - RF Micro Devices RF5110G Datasheet HTML 12Page - RF Micro Devices RF5110G Datasheet HTML 13Page - RF Micro Devices RF5110G Datasheet HTML 14Page - RF Micro Devices RF5110G Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11 of 22
RF5110G
Rev A4 DS071026
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
450MHz FM Band
10 nF
56 pF
180
Ω
C11
22 pF
56 pF
47 pF
1 nF
1
μH1
Taiyo Yuden
NR3012T1R0N
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
10 nF
330 pF
1 nF
VCC1
330 pF
VCC2
6.8 nH
10 nF
L4
2.7 nH
10 nF
1 nF
RF OUT
3.3
μF
+
RF IN
VCC
VCC
VAPC
VAPC
3.3
μF
47 pF
C11 adjacent
to L4.
1
Requires layout change to standard evaluation board.
18
Ω
0
Ω
2 pF


Similar Part No. - RF5110G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5110G RFMD-RF5110G Datasheet
233Kb / 18P
   3V GSM POWER AMPLIFIER
logo
Qorvo, Inc
RF5110G QORVO-RF5110G Datasheet
2Mb / 16P
   3V General Purpose/GSM Power Amplifier
logo
RF Micro Devices
RF5110GPCBA-410 RFMD-RF5110GPCBA-410 Datasheet
233Kb / 18P
   3V GSM POWER AMPLIFIER
logo
Qorvo, Inc
RF5110GPCK-410 QORVO-RF5110GPCK-410 Datasheet
2Mb / 16P
   3V General Purpose/GSM Power Amplifier
RF5110GTR7 QORVO-RF5110GTR7 Datasheet
2Mb / 16P
   3V General Purpose/GSM Power Amplifier
More results

Similar Description - RF5110G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5110G RFMD-RF5110G Datasheet
233Kb / 18P
   3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_06 Datasheet
172Kb / 14P
   3V GSM POWER AMPLIFIER
RF5110 RFMD-RF5110_1 Datasheet
278Kb / 14P
   3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173 Datasheet
138Kb / 10P
   3V GSM POWER AMPLIFIER
RF2138 RFMD-RF2138 Datasheet
145Kb / 10P
   3V GSM POWER AMPLIFIER
RF5110 RFMD-RF5110 Datasheet
169Kb / 12P
   3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_1 Datasheet
280Kb / 14P
   3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_13 Datasheet
163Kb / 13P
   3V GSM POWER AMPLIFIER
logo
Qorvo, Inc
RF5110G QORVO-RF5110G Datasheet
2Mb / 16P
   3V General Purpose/GSM Power Amplifier
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
   Multiband GSM Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com