Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2008TB Datasheet(PDF) 5 Page - NEC

Part # UPG2008TB
Description  GaAs INTEGRATED CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2008TB Datasheet(HTML) 5 Page - NEC

  UPG2008TB Datasheet HTML 1Page - NEC UPG2008TB Datasheet HTML 2Page - NEC UPG2008TB Datasheet HTML 3Page - NEC UPG2008TB Datasheet HTML 4Page - NEC UPG2008TB Datasheet HTML 5Page - NEC UPG2008TB Datasheet HTML 6Page - NEC UPG2008TB Datasheet HTML 7Page - NEC UPG2008TB Datasheet HTML 8Page - NEC UPG2008TB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet PG10193EJ01V0DS
5
µµµµPG2008TB
TYPICAL CHARACTERISTICS
TEST CONDITION: TA = +25
°C, Vcont1/2 = 0 V/3.0 V, Pin = 0 dBm, OUT2 side is 50 Ω termination
0
–20
–40
5
2
START 0.500 000 000 GHz
STOP 3.500 000 000 GHz
S11
log MAG
CH1
10 dB/ REF 0 dB
2: –27.13 dB
1.5 GHz
1: –22.234 dB
1.0 GHz
3: –30.052 dB
2.0 GHz
4: –24.396 dB
2.5 GHz
5: –16.767 dB
3.0 GHz
0
–2.0
–4.0
START 0.500 000 000 GHz
STOP 3.500 000 000 GHz
S21
log MAG
CH1
1 dB/ REF 0 dB
2: –0.771 dB
1.5 GHz
1: –0.660 dB
1.0 GHz
3: –0.892 dB
2.0 GHz
4: –1.047 dB
2.5 GHz
5: –1.340 dB
3.0 GHz
0
–20
–40
START 0.500 000 000 GHz
STOP 3.500 000 000 GHz
S21
log MAG
CH1
10 dB/ REF 0 dB
0
–20
–40
START 0.500 000 000 GHz
STOP 3.500 000 000 GHz
S22
log MAG
CH1
10 dB/ REF 0 dB
2: –24.054 dB
1.5 GHz
1: –21.598 dB
1.0 GHz
3: –25.127 dB
2.0 GHz
4: –23.43 dB
2.5 GHz
5: –17.219 dB
3.0 GHz
1
3
2
1
2
3
4
3
4
1
Frequency f (GHz)
INPUT RETURN LOSS vs. FREQUENCY
Frequency f (GHz)
INSERTION LOSS vs. FREQUENCY
Frequency f (GHz)
ISOLATION vs. FREQUENCY
Frequency f (GHz)
OUTPUT RETURN LOSS vs. FREQUENCY
4
5
5
2: –25.607 dB
1.5 GHz
1: –25.638 dB
1.0 GHz
3: –24.781 dB
2.0 GHz
4: –22.34 dB
2.5 GHz
5: –19.074 dB
3.0 GHz
2
1
3
5
4


Similar Part No. - UPG2008TB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2008TB RENESAS-UPG2008TB Datasheet
223Kb / 12P
   GaAs INTEGRATED CIRCUIT
2002
UPG2008TB-E3 RENESAS-UPG2008TB-E3 Datasheet
223Kb / 12P
   GaAs INTEGRATED CIRCUIT
2002
More results

Similar Description - UPG2008TB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PG2422TK RENESAS-PG2422TK_15 Datasheet
275Kb / 17P
   GaAs Integrated Circuit
UPG2404T6Q RENESAS-UPG2404T6Q Datasheet
304Kb / 11P
   GaAs INTEGRATED CIRCUIT
2008
UPG2158T5K RENESAS-UPG2158T5K Datasheet
228Kb / 14P
   GaAs INTEGRATED CIRCUIT
2005
UPG2162T5N RENESAS-UPG2162T5N Datasheet
201Kb / 11P
   GaAs INTEGRATED CIRCUIT
2008
UPG2005TB RENESAS-UPG2005TB Datasheet
203Kb / 14P
   GaAs INTEGRATED CIRCUIT
2001
UPG2015TB RENESAS-UPG2015TB Datasheet
217Kb / 13P
   GaAs INTEGRATED CIRCUIT
2003
UPG2030TB RENESAS-UPG2030TB Datasheet
245Kb / 13P
   GaAs INTEGRATED CIRCUIT
2003
UPG2045TQ RENESAS-UPG2045TQ Datasheet
303Kb / 10P
   GaAs INTEGRATED CIRCUIT
2004
UPG2310TK RENESAS-UPG2310TK Datasheet
220Kb / 11P
   GaAs INTEGRATED CIRCUIT
2005
UPG501B RENESAS-UPG501B Datasheet
210Kb / 10P
   GaAs INTEGRATED CIRCUIT
1988
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com