Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9032-02 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S9032-02
Description  RGB color sensor integrated in small and thin package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9032-02 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S9032-02 Datasheet HTML 1Page - Hamamatsu Corporation S9032-02 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Si photodiode
S10170
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2007 Hamamatsu Photonics K.K.
Cat. No. KSPD1074E01
Jul. 2007 DN
G
B
R
ANODE (GREEN)
ANODE (BLUE)
CATHODE COMMON
ANODE (RED)
Tolerance unless otherwise noted: ±0.2
Chip position accuracy with respect to the
package dimensions marked *1
X, Y
≤±0.3
Values in parentheses indicate reference value
*2: Do not allow metal/conductive objects to contact the
part where the wiring is exposed.
Doing so may cause short circuits.
Electrode
(3 ×) ANODE
INDEX
3.0 *1
PHOTOSENSITIVE
SURFACE
*2
RECOMMENDED LAND PATTERN
ACTIVE AREA
B
G
R
1.0
1.5
0.62
0.62
0.65
0.65
1.5
2
s Dimensional outline (unit: mm)
KSPDA0174EA
480 to 600
G
φ2/3-element
1 × 1/3-element
1 × 1
1 × 1
540
400 to 540
B
460
590 to 720
1.5 × 1.5
1.5 × 1.5 (× 2)
1.5 × 1.5
R
G
B
R
620
480 to 600
G
540
400 to 540
B
460
590 to 720
R
620
480 to 600
G
540
400 to 540
B
460
590 to 720
R
620
480 to 600
G
540
400 to 540
B
460
590 to 720
R
660
400 to 540
B
460
590 to 720
0.23
0.18
0.16
0.23
0.18
0.16
0.23
0.18
0.16
0.25
0.21
0.42
0.21
0.42
R
G
B
R
G
B
R
G
B
R
G
B
R
B
R
660
S7505-01
n Line-up of RGB color sensors
S9032-02
S8751
S8752
Type No.
Surface-mount type
plastic
200
100
50
100
Surface-mount type
plastic
Surface-mount type,
miniature
plastic
Surface-mount type
plastic
Plastic
Package
Active area
(mm)
Dark current
VR=1 V
all elements
Max.
(pA)
Spectral response
range
(nm)
Peak
sensitivity
wavelength
(nm)
Photo
sensitivity
λ=λp
(A/W)
S9702
s Application example
Optical feedback of backlight for TFT-LCD using a color sensor module C9303-04 (integrated with S9032-02)
C9303-04
MIXING LIGHT GUIDE &
LCD PANEL
LED LIGHT SOURCE
COLOR
CONTROLLER
LUMINANCE/
LIGHT COORDINATE
SETTING
RED DRIVER
GREEN DRIVER
BLUE DRIVER
LED: Made by Lumileds (LUXEON), http://www.lumileds.com/
K AC C C 0289E A


Similar Part No. - S9032-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9032-02 HAMAMATSU-S9032-02 Datasheet
69Kb / 2P
   Si photodiode RGB color sensor
S9032-02 HAMAMATSU-S9032-02 Datasheet
254Kb / 11P
   Digital color sensor
S9032-02 HAMAMATSU-S9032-02_15 Datasheet
474Kb / 4P
   Si photodiode
More results

Similar Description - S9032-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10942-01CT HAMAMATSU-S10942-01CT_15 Datasheet
259Kb / 4P
   RGB color sensor integrated in small and thin package
S10917-35GT HAMAMATSU-S10917-35GT_15 Datasheet
265Kb / 4P
   RGB color sensor integrated in small and thin package
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-E622-QR999 AVAGO-ADJD-E622-QR999 Datasheet
119Kb / 12P
   RGB Color Sensor in QFN Package
logo
List of Unclassifed Man...
E3MC ETC-E3MC Datasheet
674Kb / 26P
   RGB Color Sensor
logo
HK TO-GRACE TECHNOLOGY ...
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
   RGB Color Sensor
logo
Kingbright Corporation
APS5130PD7C-P22 KINGBRIGHT-APS5130PD7C-P22 Datasheet
206Kb / 4P
   RGB Color Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S822-QR999 AVAGO-HDJD-S822-QR999 Datasheet
274Kb / 11P
   RGB Color Sensor
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213G-TR8 EVERLIGHT-CLS15-22C-L213G-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com