Electronic Components Datasheet Search |
|
S10140-1108 Datasheet(PDF) 5 Page - Hamamatsu Corporation |
|
S10140-1108 Datasheet(HTML) 5 Page - Hamamatsu Corporation |
5 / 8 page CCD area image sensor S10140/S10141 series INTEGRATION PERIOD (Shutter must be open) P1V RG OS P2V, TG P1H P2H, SG READOUT PERIOD (Shutter must be closed) ENLARGED VIEW Tpwv Tovr Tpwr D1 D2 D3 D4 D18 D19 D20 D5..D10, S1..S1024, D11..D17 P2V, TG P1H P2H, SG RG OS Tpwh, Tpws 12 3 S1..S512 : S1014*-1007/-1008/-1009 : S1014*-1107/-1108/-1109 4.. 63 4..127 4..255 64 ← 58 + 6 (BEVEL): S1014*-1007/-1107 128 ←122 + 6 (BEVEL): S1014*-1008/-1108 256 ←250 + 6 (BEVEL): S1014*-1009/-1109 KMPDC0243EA Parameter Symbol Remark Min. Typ. Max. Unit Pulse width Tpwv 6 8 - µs P1V, P2V, TG Rise and fall time Tprv, Tpfv *14 20 - - ns Pulse width Tpwh 1000 2000 - ns Rise and fall time Tprh, Tpfh 10 - - ns P1H, P2H Duty ratio - *14 40 50 60 % Pulse width Tpws 1000 2000 - ns Rise and fall time Tprs, Tpfs 10 - - ns SG Duty ratio - - 40 50 60 % Pulse width Tpwr 100 1000 - ns RG Rise and fall time Tprr, Tpfr - 5 - - ns TG - P1H Overlap time Tovr - 1 2 - µs *14: The clock pulses should be overlapped at 50 % of clock pulse amplitude. Area scanning 5 |
Similar Part No. - S10140-1108 |
|
Similar Description - S10140-1108 |