Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8838AEET120Z Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME8838AEET120Z
Description  High PSRR, 150mA CMOS LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8838AEET120Z Datasheet(HTML) 3 Page - Analog Microelectronics

  AME8838AEET120Z Datasheet HTML 1Page - Analog Microelectronics AME8838AEET120Z Datasheet HTML 2Page - Analog Microelectronics AME8838AEET120Z Datasheet HTML 3Page - Analog Microelectronics AME8838AEET120Z Datasheet HTML 4Page - Analog Microelectronics AME8838AEET120Z Datasheet HTML 5Page - Analog Microelectronics AME8838AEET120Z Datasheet HTML 6Page - Analog Microelectronics AME8838AEET120Z Datasheet HTML 7Page - Analog Microelectronics AME8838AEET120Z Datasheet HTML 8Page - Analog Microelectronics AME8838AEET120Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AME, Inc.
3
AME8838
High PSRR, 150mA CMOS LDO
Rev.E.04
Pin Number
Pin Name
Pin Description
1
IN
Input voltage pin.
It should be decoupled with 1
µF or greater capacitor.
2
GND
Ground connection pin.
3
EN
Enable pin.
When pulled low, the PMOS pass transistor turns off, current consuming
less than 1µA.
4
NC
No Connection.
5
OUT
LDO voltage regulator output pin.
It should be decoupled with a 1µF or greater value low ESR ceramic
capacitor.
n Pin Description
AME8838AEIV SC-70-5
AME8838BEIV SC-70-5
AME8838AEET SOT-23
Pin Number
Pin Name
Pin Description
1
OUT
LDO voltage regulator output pin.
It should be decoupled with a 1µF or greater value low ESR ceramic
capacitor.
2
GND
Ground connection pin.
3
IN
Input voltage pin.
It should be decoupled with 1
µF or greater capacitor.
4
EN
Enable pin.
When pulled low, the PMOS pass transistor turns off, current consuming
less than 1µA.
5
NC
No Connection.
Pin Number
Pin Name
Pin Description
1
GND
Ground connection pin.
2
OUT
LDO voltage regulator output pin.
It should be decoupled with a 1µF or greater value low ESR ceramic
capacitor.
3
IN
Input voltage pin.
It should be decoupled with 1
µF or greater capacitor.


Similar Part No. - AME8838AEET120Z

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8830 AKM-AME8830 Datasheet
144Kb / 15P
   Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
AME8830AEEV285Y AKM-AME8830AEEV285Y Datasheet
144Kb / 15P
   Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
AME8830AEEV285Z AKM-AME8830AEEV285Z Datasheet
144Kb / 15P
   Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
AME8831 AKM-AME8831 Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Analog Microelectronics
AME8831AEEV180Y AME-AME8831AEEV180Y Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8838AEET120Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8820 AME-AME8820 Datasheet
156Kb / 14P
   High PSRR, CSP, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Holtek Semiconductor In...
HT75B15 HOLTEK-HT75B15 Datasheet
2Mb / 15P
   High PSRR 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
AME8890 AME-AME8890 Datasheet
42Kb / 8P
   150mA CMOS LDO
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com