Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8838AEET120Z Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8838AEET120Z
Description  High PSRR, 150mA CMOS LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8838AEET120Z Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8838AEET120Z Datasheet HTML 7Page - Analog Microelectronics AME8838AEET120Z Datasheet HTML 8Page - Analog Microelectronics AME8838AEET120Z Datasheet HTML 9Page - Analog Microelectronics AME8838AEET120Z Datasheet HTML 10Page - Analog Microelectronics AME8838AEET120Z Datasheet HTML 11Page - Analog Microelectronics AME8838AEET120Z Datasheet HTML 12Page - Analog Microelectronics AME8838AEET120Z Datasheet HTML 13Page - Analog Microelectronics AME8838AEET120Z Datasheet HTML 14Page - Analog Microelectronics AME8838AEET120Z Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
AME, Inc.
11
AME8838
High PSRR, 150mA CMOS LDO
Rev.E.04
Dropout Voltage vs Temperature
Output Voltage vs Load Current
Output Impedance vs Frequency
Line Transient Response
Load Transient Response
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
100
1000
10000
100000
1000000
I
O=50mA
I
O=100mA
Frequency (Hz)
3.285
3.29
3.295
3.30
3.305
3.31
3.315
3.32
3.325
3.33
0
15
30
45
60
75
90
105
120
135
150
Load Current (mA)
3.270
3.275
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
-40
-25
-10
5
20
35
50
65
80
95
110
125
I
O=150mA
I
O=1mA
Temperature (oC)
Output Voltage vs Temperature
0
50
100
150
200
250
300
350
400
450
500
550
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
5.3
20
-20
4.3
Time (
µs)
200
-50
0
50
0
100
Time (
µs)
∆i
∆t = 25mA/µs


Similar Part No. - AME8838AEET120Z

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8830 AKM-AME8830 Datasheet
144Kb / 15P
   Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
AME8830AEEV285Y AKM-AME8830AEEV285Y Datasheet
144Kb / 15P
   Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
AME8830AEEV285Z AKM-AME8830AEEV285Z Datasheet
144Kb / 15P
   Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
AME8831 AKM-AME8831 Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Analog Microelectronics
AME8831AEEV180Y AME-AME8831AEEV180Y Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8838AEET120Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8820 AME-AME8820 Datasheet
156Kb / 14P
   High PSRR, CSP, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Holtek Semiconductor In...
HT75B15 HOLTEK-HT75B15 Datasheet
2Mb / 15P
   High PSRR 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
AME8890 AME-AME8890 Datasheet
42Kb / 8P
   150mA CMOS LDO
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com