Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42CTQ030-1PBF Datasheet(PDF) 5 Page - International Rectifier

Part # 42CTQ030-1PBF
Description  SCHOTTKY RECTIFIER 40 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

42CTQ030-1PBF Datasheet(HTML) 5 Page - International Rectifier

  42CTQ030-1PBF Datasheet HTML 1Page - International Rectifier 42CTQ030-1PBF Datasheet HTML 2Page - International Rectifier 42CTQ030-1PBF Datasheet HTML 3Page - International Rectifier 42CTQ030-1PBF Datasheet HTML 4Page - International Rectifier 42CTQ030-1PBF Datasheet HTML 5Page - International Rectifier 42CTQ030-1PBF Datasheet HTML 6Page - International Rectifier 42CTQ030-1PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Bulletin PD-21019 rev. A 07/06
www.irf.com
42CTQ030SPbF, 42CTQ030-1PbF
Conform to JEDEC outline D
2Pak (SMD-220)
Dimensions in millimeters and (inches)
Outlines Table
Modified JEDEC outline TO-262
Dimensions in millimeters and (inches)


Similar Part No. - 42CTQ030-1PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
42CTQ030-1PBF VISHAY-42CTQ030-1PBF Datasheet
137Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 15-Mar-10
42CTQ030-1PBF VISHAY-42CTQ030-1PBF Datasheet
130Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 15-Mar-10
42CTQ030-1PBF VISHAY-42CTQ030-1PBF Datasheet
175Kb / 8P
   Schottky Rectifier, 2 x 20 A
Revision: 15-Mar-10
More results

Similar Description - 42CTQ030-1PBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST50150 MICROSEMI-FST50150 Datasheet
149Kb / 2P
   40 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
MBR4045WTPBF IRF-MBR4045WTPBF Datasheet
205Kb / 7P
   SCHOTTKY RECTIFIER 40 Amp
40CTQ045PBF IRF-40CTQ045PBF Datasheet
196Kb / 6P
   SCHOTTKY RECTIFIER 40 Amp
logo
Microsemi Corporation
1N5832 MICROSEMI-1N5832_07 Datasheet
134Kb / 2P
   40 Amp Schottky Rectifier
logo
Digitron Semiconductors
1N5832 DIGITRON-1N5832 Datasheet
140Kb / 2P
   40 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
48CTQ060PBF IRF-48CTQ060PBF Datasheet
196Kb / 6P
   SCHOTTKY RECTIFIER 40 Amp
logo
Microsemi Corporation
1N5832 MICROSEMI-1N5832 Datasheet
127Kb / 2P
   40 Amp Schottky Rectifier
logo
International Rectifier
42CTQ030PBF IRF-42CTQ030PBF Datasheet
194Kb / 6P
   SCHOTTKY RECTIFIER 40 Amp
48CTQ060SPBF IRF-48CTQ060SPBF Datasheet
258Kb / 7P
   SCHOTTKY RECTIFIER 40 Amp
47CTQ020SPBF IRF-47CTQ020SPBF Datasheet
285Kb / 7P
   SCHOTTKY RECTIFIER 40 Amp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com