Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS381 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS381
Description  VHF Tuner Band Switch Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS381 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS381_07 Datasheet HTML 1Page - Toshiba Semiconductor 1SS381_07 Datasheet HTML 2Page - Toshiba Semiconductor 1SS381_07 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS381
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS381
VHF Tuner Band Switch Applications
• Small package
• Small total capacitance: CT = 1.2 pF (max)
• Low series resistance: rs = 0.6 Ω (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Reverse voltage
VR
30
V
Forward current
IF
100
mA
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 2 mA
0.85
V
Reverse current
IR
VR = 15 V
0.1
μA
Reverse voltage
VR
IR = 1 μA
30
V
Total capacitance
CT
VR = 6 V, f = 1 MHz
0.7
1.2
pF
Series resistance
rs
IF = 2 mA, f = 100 MHz
0.6
0.9
Ω
Marking
Unit: mm
JEDEC
JEITA
TOSHIBA
1-1G1A
Weight: 0.0014 g (typ.)


Similar Part No. - 1SS381_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS381 TOSHIBA-1SS381_14 Datasheet
159Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
More results

Similar Description - 1SS381_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SV307 TOSHIBA-1SV307_07 Datasheet
194Kb / 3P
   VHF Tuner Band Switch Applications
1SS313 TOSHIBA-1SS313_01 Datasheet
123Kb / 3P
   VHF TUNER BAND SWITCH APPLICATIONS
logo
Guangdong Kexin Industr...
1SV307 KEXIN-1SV307 Datasheet
32Kb / 1P
   VHF TUNER BAND SWITCH APPLICATIONS
1SS313 KEXIN-1SS313 Datasheet
43Kb / 1P
   VHF TUNER BAND SWITCH APPLICATIONS
1SS314 KEXIN-1SS314 Datasheet
34Kb / 2P
   VHF TUNER BAND SWITCH APPLICATIONS
1SS268 KEXIN-1SS268 Datasheet
34Kb / 1P
   VHF TUNER BAND SWITCH APPLICATIONS
logo
Toshiba Semiconductor
1SS268 TOSHIBA-1SS268_01 Datasheet
126Kb / 3P
   VHF TUNER BAND SWITCH APPLICATIONS
logo
KEC(Korea Electronics)
KDS114E KEC-KDS114E Datasheet
80Kb / 2P
   VHF TUNER BAND SWITCH APPLICATIONS
logo
Toshiba Semiconductor
1SS312 TOSHIBA-1SS312_01 Datasheet
123Kb / 3P
   VHF TUNER BAND SWITCH APPLICATIONS
1SV308 TOSHIBA-1SV308_07 Datasheet
199Kb / 3P
   VHF Tuner Band Switch Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com