Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT162374ETEB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT162374ETEB
Description  FAST CMOS 16-BIT REGISTER (3-STATE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT162374ETEB Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT162374ETEB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT162374ETEB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT162374ETEB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT162374ETEB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT162374ETEB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT162374ETEB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT162374ETEB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT162374ETEB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5.8
6
IDT54/74FCT16374T/AT/CT/ET, 162374T/AT/CT/ET
FAST CMOS 16-BIT REGISTER (3-STATE)
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
FCT16374T/162374T
FCT16374AT/162374AT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
xCLK to xOx
CL = 50pF
RL = 500
2.0
10.0
2.0
11.0
2.0
6.5
2.0
7.2
ns
tPZH
tPZL
Output Enable Time
1.5
12.5
1.5
14.0
1.5
6.5
1.5
7.5
ns
tPHZ
tPLZ
Output Disable Time
1.5
8.0
1.5
8.0
1.5
5.5
1.5
6.5
ns
tSU
Set-up Time HIGH
or LOW, xDx to xCLK
2.0
2.0
2.0
2.0
ns
tH
Hold Time HIGH
or LOW, xDx to xCLK
1.5
1.5
1.5
1.5
ns
tW
xCLK Pulse Width
HIGH or LOW
7.0
7.0
5.0
6.0
ns
tSK(o) Output Skew(3)
0.5
0.5
0.5
0.5
ns
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
4. This limit is guaranteed but not tested.
2542 tbl 09
FCT16374CT/162374CT
FCT16374ET/162374ET
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
xCLK to xOx
CL = 50pF
RL = 500
2.0
5.2
2.0
6.2
1.5
3.7
ns
tPZH
tPZL
Output Enable Time
1.5
5.5
1.5
6.2
1.5
4.4
ns
tPHZ
tPLZ
Output Disable Time
1.5
5.0
1.5
5.7
1.5
3.6
ns
tSU
Set-up Time HIGH
or LOW, xDx to xCLK
2.0
2.0
1.5
ns
tH
Hold Time HIGH
or LOW, xDx to xCLK
1.5
1.5
0.0
ns
tW
xCLK Pulse Width
HIGH or LOW
5.0
6.0
3.0(4)
———
ns
tSK(o) Output Skew(3)
0.5
0.5
0.5
ns


Similar Part No. - IDT74FCT162374ETEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162374ET IDT-IDT74FCT162374ET Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374ET RENESAS-IDT74FCT162374ET Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT162374ETPA IDT-IDT74FCT162374ETPA Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374ETPAG IDT-IDT74FCT162374ETPAG Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374ETPV IDT-IDT74FCT162374ETPV Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
More results

Similar Description - IDT74FCT162374ETEB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
logo
Integrated Device Techn...
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LCX16374 PERICOM-PI74LCX16374 Datasheet
151Kb / 6P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A Datasheet
76Kb / 7P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT163374A RENESAS-IDT74FCT163374A Datasheet
250Kb / 8P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT646T IDT-IDT74FCT646T_02 Datasheet
103Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com