Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5713 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5713
Description  Silicon NPN Epitaxial Type High-Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5713 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5713 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5713 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5713 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5713 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5713 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5713
2006-11-10
3
Base-emitter voltage VBE (V)
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VBE (sat) – IC
IC – VBE
10000
0.001
1000
100
10
0.01
0.1
1
10
25°C
Ta
= 100°C
−55°C
Common emitter
VCE = 2 V
Single nonrepetitive
pulse
0.001
1
0.1
0.01
0.001
0.01
0.1
1
10
Common emitter
IC/IB = 50
Single nonrepetitive pulse
25°C
−55°C
Ta
= 100°C
0.001
0.01
0.1
1
10
10
0.1
1
Common emitter
IC/IB = 50
Single nonrepetitive
pulse
25°C
100°C
Ta
= −55°C
Common emitter
VCE = 2 V
Single nonrepetitive pulse
0
0.4
0.8
1.2
1.6
0
5
4
3
2
1
Ta
= 100°C
−55°C
25°C
0
0
Common emitter
Ta
= 25°C
Single nonrepetitive pulse
6
5
4
3
2
1
0.4
25
20
15
10
8
6
4
IB = 2 mA
0.8
1.2
2
2.4
1.6


Similar Part No. - 2SC5713

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5713 TOSHIBA-2SC5713 Datasheet
159Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5713 TOSHIBA-2SC5713 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5713

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5906 TOSHIBA-2SC5906 Datasheet
165Kb / 5P
   Silicon NPN Epitaxial Type High-Speed Switching Applications
2SC5784 TOSHIBA-2SC5784_06 Datasheet
138Kb / 5P
   Silicon NPN Epitaxial Type High-Speed Switching Applications
2SC5703 TOSHIBA-2SC5703_06 Datasheet
137Kb / 5P
   Silicon NPN Epitaxial Type High-Speed Switching Applications
2SC3437 TOSHIBA-2SC3437_07 Datasheet
391Kb / 5P
   Silicon NPN Epitaxial Type (PCT process) Ultra High Speed Switching Applications
2SC5886 TOSHIBA-2SC5886_06 Datasheet
141Kb / 5P
   Silicon NPN Epitaxial Type High-Speed Swtching Applications
2SC3225 TOSHIBA-2SC3225_06 Datasheet
130Kb / 5P
   Silicon NPN Epitaxial Type Switching Applications
HN1D01F TOSHIBA-HN1D01F_07 Datasheet
231Kb / 4P
   Silicon Epitaxial Planar Type Ultra-High-Speed Switching Applications
1SS420 TOSHIBA-1SS420_05 Datasheet
128Kb / 3P
   Silicon Epitaxial Schottky Barrier Type High-Speed Switching Applications
2SC3437 TOSHIBA-2SC3437 Datasheet
160Kb / 4P
   NPN EPITAXIAL TYPE (ULTRA HIGH SPEED SWITCHING, COMPUTER, COUNTER APPLICATIONS)
2SC4667 TOSHIBA-2SC4667 Datasheet
172Kb / 4P
   NPN EPITAXIAL TYPE (ULTRA HIGH SPEED SWITCHING, COMPUTER, COUNTER APPLICATIONS)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com