Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5948 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC5948
Description  Silicon NPN Triple Diffused Type Power Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5948 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC5948 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5948 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5948 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5948 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5948 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC5948
2006-11-16
2
Electrical Characteristics (Tc = 25°C)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 200 V, IE = 0
5.0
μA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
5.0
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 50 mA, IB = 0
200
V
hFE (1)
(Note)
VCE = 5 V, IC = 1 A
55
160
DC current gain
hFE (2)
VCE = 5 V, IC = 7 A
35
70
Collector-emitter saturation voltage
VCE (sat)
IC = 8 A, IB = 0.8 A
0.3
2.0
V
Base-emitter voltage
VBE
VCE = 5 V, IC = 7 A
1.0
1.5
V
Transition frequency
fT
VCE = 5 V, IC = 1 A
30
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
270
pF
Note:hFE (1) classification R: 55~110, O: 80~160
Marking
C5948
TOSHIBA
Lot No.
Characteristics
indicator
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - 2SC5948

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5948 TOSHIBA-2SC5948 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5948

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5242 TOSHIBA-2SC5242_06 Datasheet
122Kb / 4P
   Silicon NPN Triple Diffused Type Power Amplifier Applications
2SC5196 TOSHIBA-2SC5196_06 Datasheet
120Kb / 4P
   Silicon NPN Triple Diffused Type Power Amplifier Applications
2SC5198 TOSHIBA-2SC5198_06 Datasheet
122Kb / 4P
   Silicon NPN Triple Diffused Type Power Amplifier Applications
2SC5197 TOSHIBA-2SC5197_06 Datasheet
121Kb / 4P
   Silicon NPN Triple Diffused Type Power Amplifier Applications
2SD2385 TOSHIBA-2SD2385 Datasheet
139Kb / 2P
   NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2461 TOSHIBA-2SD2461 Datasheet
191Kb / 3P
   NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2353 TOSHIBA-2SD2353 Datasheet
181Kb / 3P
   NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD526 TOSHIBA-2SD526 Datasheet
166Kb / 2P
   NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SC4688 TOSHIBA-2SC4688 Datasheet
153Kb / 2P
   NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2462 TOSHIBA-2SD2462 Datasheet
191Kb / 3P
   NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com