Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ1H471LT Datasheet(PDF) 9 Page - DB Lectro Inc

Part # LZ1H471LT
Description  CHIP TYPE, LOW IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

LZ1H471LT Datasheet(HTML) 9 Page - DB Lectro Inc

Back Button LZ1H471LT Datasheet HTML 5Page - DB Lectro Inc LZ1H471LT Datasheet HTML 6Page - DB Lectro Inc LZ1H471LT Datasheet HTML 7Page - DB Lectro Inc LZ1H471LT Datasheet HTML 8Page - DB Lectro Inc LZ1H471LT Datasheet HTML 9Page - DB Lectro Inc LZ1H471LT Datasheet HTML 10Page - DB Lectro Inc LZ1H471LT Datasheet HTML 11Page - DB Lectro Inc LZ1H471LT Datasheet HTML 12Page - DB Lectro Inc LZ1H471LT Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Cleaning condition: Total cleaning time shall be within 5 minutes by immersion, ultrasonic or other
method. Temperature of the cleaning agent shall be 60 C or lower. After
cleaning, capacitors should be dried using hot air for minimum of 10 minutes
along with the PC board. Hot air temperature should be below the maximum
operating temperature of the capacitor. Insufficient dry after water rinse may
cause appearance problems, sleeve shirk, bottom- plate bulge and such.
Avoid using ozone destructive substance for cleaning agents to concern about global
environment. Please consult us regarding other cleaning agents or cleaning methods.
3. In The Equipment
1) Do not directly touch terminal by hand.
2) Do not short between terminal by conductor, nor spill conductible liquid such as alkaline or acidic
solution on or near the capacitor.
3) Please make sure that the ambient conditions where the set is installed will be free from spilling water
or oil, direct sunlight, ultraviolet rays, radiation, poisonous gases, vibration or mechanical shock.
4. Maintenance and Inspection
Please periodically inspect the aluminum capacitors that are installed in industrial equipment. The
following Items should be checked:
Appearance: Remarkable abnormality such as vent operation, leaking electrolyte etc.
Electrical characteristic: Capacitance, dielectric loss tangent, leakage current etc., which are specified
in this catalogue.
5. In an Emergency
1) If you see smoke due to operation of safety vent, turn off the main switch or pull out the plug from the
outlet.
2) Do not draw your face to the safety vent since gas over 100 C will be emitted when the safety vent
operates. If the gas has entered your eyes, please flush your eyes immediately in pure water. If you
breathed the gas immediately wash out your mouth and throat with water. Do not ingest electrolyte. If
your skin is exposed to electrolyte, please wash it away using soap and water.
6. Storage
1) Do not keep capacitor in high temperature and high humidity.
Storage conditions should be:
Temperature : +5 C ~ +35 C
Humidity
: Lower than 75%
Place
: Indoor
2) Avoid ambient conditions where capacitors can be covered with water, brine or oil.
3) Avoid ambient conditions where capacitors are exposed to poisonous gases such as hydrogen sulfide,
sulfurous acid, nitrous acid, chlorine, ammonium etc.
4) Do not keep capacitor in conditions that expose the capacitor to ozone, ultraviolet ray or radiation.
7. Disposal
Please dispose capacitors in either of the following ways:
1) Incinerate capacitors after crushing parts or making a hole on the capacitor body.
2) Bury capacitors in the ground. Please have a disposal specialist do it.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - LZ1H471LT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LZ1H2X43BD SCHNEIDER-LZ1H2X43BD Datasheet
108Kb / 3P
   Starter TeSys H 0,75kW-400V control 24VDC Spring
LZ1H2X43FU SCHNEIDER-LZ1H2X43FU Datasheet
109Kb / 3P
   Starter TeSys H 0,75kW-400V control 110-230VAC Spring
LZ1H2X4BD SCHNEIDER-LZ1H2X4BD Datasheet
105Kb / 3P
   Starter TeSys H 0,75kW-400V control 24VDC
LZ1H6X53BD SCHNEIDER-LZ1H6X53BD Datasheet
108Kb / 3P
   Starter TeSys H 3kW-400V control 24VDC Spring
LZ1H6X53FU SCHNEIDER-LZ1H6X53FU Datasheet
108Kb / 3P
   Starter TeSys H 3kW-400V control 110-230VAC Spring
More results

Similar Description - LZ1H471LT

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUD1H101MNL1GS NICHICON-UUD1H101MNL1GS Datasheet
56Kb / 2P
   Chip Type, Low Impedance
UCM NICHICON-UCM Datasheet
965Kb / 2P
   Chip Type, Low Impedance
UCV NICHICON-UCV_17 Datasheet
629Kb / 2P
   Chip Type, Low Impedance.
UUD0J331MCL1GS NICHICON-UUD0J331MCL1GS Datasheet
452Kb / 3P
   Chip Type, Low Impedance
UCV NICHICON-UCV_18 Datasheet
630Kb / 2P
   Chip Type, Low Impedance.
logo
DB Lectro Inc
KZ1H010KC DBLECTRO-KZ1H010KC Datasheet
564Kb / 13P
   CHIP TYPE, EXTRA LOW IMPEDANCE
logo
SAMWHA ELECTRIC
CK1V227M08010VR200 SAMWHA-CK1V227M08010VR200 Datasheet
286Kb / 2P
   Chip type, Low Impedance, High CV Series
logo
RHOPOINT COMPONENTS
PCH163250T RHOPOINT-PCH163250T Datasheet
69Kb / 1P
   CHIP TYPE IMPEDANCE CONVERTER
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
   Low Impedance Chip Ferrite Beads
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com