Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ1H010MT Datasheet(PDF) 4 Page - DB Lectro Inc

Part # LZ1H010MT
Description  CHIP TYPE, LOW IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

LZ1H010MT Datasheet(HTML) 4 Page - DB Lectro Inc

  LZ1H010MT Datasheet HTML 1Page - DB Lectro Inc LZ1H010MT Datasheet HTML 2Page - DB Lectro Inc LZ1H010MT Datasheet HTML 3Page - DB Lectro Inc LZ1H010MT Datasheet HTML 4Page - DB Lectro Inc LZ1H010MT Datasheet HTML 5Page - DB Lectro Inc LZ1H010MT Datasheet HTML 6Page - DB Lectro Inc LZ1H010MT Datasheet HTML 7Page - DB Lectro Inc LZ1H010MT Datasheet HTML 8Page - DB Lectro Inc LZ1H010MT Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CORRESPONDING TO RoHS DIRECTIVE
Aluminum electrolytic
capacitors
Chip type
Radial lead type
Snap-in type
RoHS compliant
Yes
Yes
Yes
RoHS
restricted
substances
Most concerns
on terminals
Plating on
terminals
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Construction of
terminals
Fe/Cu/Sn
Fe/Cu/Sn
Fe/Cu/Sn
Plating
characters
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 10 m
Plating type matte
No heat treatment after plating
Insulating
sleeve
No used
Replace PVC with PET
(where customer designated)
Replace PVC with PET
(where customer designated)
Resistance to
soldering heat
Please see "Lead Free Reflow
Soldering Condition" for chip
type aluminum electrolytic
capacitors
No change
No change
Solderability
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Tensile strength
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Pb
Whisker
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Whisker is not observed
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Cr
6+
Plating material
< 2ppm
< 2ppm
< 2ppm
Hg
< 2ppm
< 2ppm
< 2ppm
Cd
< 2ppm
< 2ppm
< 2ppm
PBB
Not detected
Not detected
Not detected
PBDE
Not detected
Not detected
Not detected
Identification for RoHS
compliance products
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
MSL Level
(IPC/JEDEC J-STD-020C)
Not available
No need for dry package
Not available
No need for dry package
Not available
No need for dry package
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - LZ1H010MT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LZ1H2X43BD SCHNEIDER-LZ1H2X43BD Datasheet
108Kb / 3P
   Starter TeSys H 0,75kW-400V control 24VDC Spring
LZ1H2X43FU SCHNEIDER-LZ1H2X43FU Datasheet
109Kb / 3P
   Starter TeSys H 0,75kW-400V control 110-230VAC Spring
LZ1H2X4BD SCHNEIDER-LZ1H2X4BD Datasheet
105Kb / 3P
   Starter TeSys H 0,75kW-400V control 24VDC
LZ1H6X53BD SCHNEIDER-LZ1H6X53BD Datasheet
108Kb / 3P
   Starter TeSys H 3kW-400V control 24VDC Spring
LZ1H6X53FU SCHNEIDER-LZ1H6X53FU Datasheet
108Kb / 3P
   Starter TeSys H 3kW-400V control 110-230VAC Spring
More results

Similar Description - LZ1H010MT

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUD1H101MNL1GS NICHICON-UUD1H101MNL1GS Datasheet
56Kb / 2P
   Chip Type, Low Impedance
UCM NICHICON-UCM Datasheet
965Kb / 2P
   Chip Type, Low Impedance
UCV NICHICON-UCV_17 Datasheet
629Kb / 2P
   Chip Type, Low Impedance.
UUD0J331MCL1GS NICHICON-UUD0J331MCL1GS Datasheet
452Kb / 3P
   Chip Type, Low Impedance
UCV NICHICON-UCV_18 Datasheet
630Kb / 2P
   Chip Type, Low Impedance.
logo
DB Lectro Inc
KZ1H010KC DBLECTRO-KZ1H010KC Datasheet
564Kb / 13P
   CHIP TYPE, EXTRA LOW IMPEDANCE
logo
SAMWHA ELECTRIC
CK1V227M08010VR200 SAMWHA-CK1V227M08010VR200 Datasheet
286Kb / 2P
   Chip type, Low Impedance, High CV Series
logo
RHOPOINT COMPONENTS
PCH163250T RHOPOINT-PCH163250T Datasheet
69Kb / 1P
   CHIP TYPE IMPEDANCE CONVERTER
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
   Low Impedance Chip Ferrite Beads
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com