Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMX-94FAS80DC12V Datasheet(PDF) 2 Page - DB Lectro Inc

Part # JMX-94FAS80DC12V
Description  Well anti-shock and anti-vibration
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JMX-94FAS80DC12V Datasheet(HTML) 2 Page - DB Lectro Inc

  JMX-94FAS80DC12V Datasheet HTML 1Page - DB Lectro Inc JMX-94FAS80DC12V Datasheet HTML 2Page - DB Lectro Inc JMX-94FAS80DC12V Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JMX-94F
Magnet latching relay.
Small size, light weight.
High sensitivity & reliability.
Well anti-shock and anti-vibration.
Heavy contact load.
JMX-94F
A
Z 60
DC12V
1
2
3
4
5
4 Contact current
40:40A
60:60A
80:80A
5 Coil rated voltage(V) DC: 9,12, 24
1 Part number
JMX-94F
2 Contact arrangement
A:1A
B:1B
3 Enclosure
S: Sealed type
Z: Dust cover
Contact Data
Contact Arrangement
1A SPSTNO
, 1B
SPSTNC
Contact Material
AgCd O
Contact Rating(resistive)
80A/250VAC
60A/250VAC
40A/250VAC
Max. Switching Power
20000VA
15000VA
10000VA
Max. Switching Voltage
300VAC
Max. Switching Current:80A
Contact Resistance & Voltage drop
50m
(at 1A/24VDC)
Item 3.12 of IEC255-7
100mV (at rated load)
Item 3.12 of IEC255-7
Electrical
(Rated load)
Mechanical
(No load)
4
10
Item 3.30 of IEC255-7
6
10
Item 3.31 of IEC255-7
Features
39
30
17.5
Ordering Information
Operation life
Coil Parameter
Operate
Time
ms
Dash
numbers
Coil
rated
voltage
VDC
Coil
resistance
10%
Switching
voltage
VDC
(50%-70% of
rated voltage)
Pulse
magnitude
ms
Coil
power
consumption
W
Reset
Time
ms
009-1000
9
81
4.5~6.3
012-1000
12
144
6.0~8.4
024-1000
24
576
12.0~16.8
60
1
20
20
CAUTION: 1.When latching relays are installed in equipment, the latch and reset coil should not be pulsed simultaneously.
coil should not be pulsed with less than the nominal coil voltage and pulse width should be a minimum of three
times the specified operate time of the relay. If these conditions are not followed, it is possible for the relay to
be in the magnetically neutral position .
2.Switching voltage is for test purpose only and are no to be used as design criteria.
03001003499
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 1500V
Item 6 of IEC255-5
Between contact and coil
50Hz 4000V
Item 6 of IEC255-5
Creepage distance
8.4mm
Addenda B of IEC255-5
22
Shock resistance
Functional 100m/s ;Survival:1000 m/s 11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz Double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-25~70
Relative Humidity
85% (at 40 )
IEC68-2-3Test Ca
Mass
33g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
CQC
Load
80A/220VAC
Dimensions
Wiring diagram
Mounting (Bottom view)
NOTES: 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
3).Relays shall have plus(+) signs placed on the circuit diagram as shown.
Reference Data
JMX-94F
-
+
+
-
+
6 Coil
NIL:Singal coil:D: Double coils
009-2000
9
4.5~6.3
012-2000
12
6.0~8.4
024-2000
24
12.0~16.8
60
2
20
20
2
40.5
272
2
288
mm /inch
19.08
3-
1.2
4-
1.2
5.08
2.8
(assistance mounting terminal)
(assistance mounting terminal)
19.08
2.8
5.08
20
0.6
39
28
5.5
9
12
8.5
3-1X0.4
5.08
(3-0.6X0.6)
0.047
0.751
0.200
0.110
0.200
0.110
0.751
0.047
0.200
0.039
0.016 0.024
0.024
0.535max.
0.217
1.102
0.335
0.354
0.472
0.024
0.787
Dimensions
Max.
174
Ningbo Forward Relay Corporation LTD.
NHG RELAYS


Similar Part No. - JMX-94FAS80DC12V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JMX-94FAS80DC12V DBLECTRO-JMX-94FAS80DC12V Datasheet
187Kb / 2P
   Magnet latching relay Small size, light weight
More results

Similar Description - JMX-94FAS80DC12V

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FIC-60 AXIOMTEK-FIC-60 Datasheet
208Kb / 1P
   Anti-vibration & shock resistance
logo
HuaXinAn Electronics CO...
NT90-B HUAXINAN-NT90-B Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
NT90-A HUAXINAN-NT90-A Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
logo
DB Lectro Inc
NT90TP DBLECTRO-NT90TP Datasheet
178Kb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
HuaXinAn Electronics CO...
NT90T-B HUAXINAN-NT90T-B Datasheet
1Mb / 3P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
DB Lectro Inc
NT90 DBLECTRO-NT90 Datasheet
335Kb / 3P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
NT90T DBLECTRO-NT90T Datasheet
727Kb / 4P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
BOWEI Integrated Circui...
OXK40 BOWEI-OXK40 Datasheet
123Kb / 1P
   Low phase noise,Anti-vibration OCXO
logo
Schneider Electric
XUSZVA12 SCHNEIDER-XUSZVA12 Datasheet
112Kb / 3P
   Anti-vibration kit comprising 12 dampers
XUSZVA4 SCHNEIDER-XUSZVA4 Datasheet
112Kb / 3P
   Anti-vibration kit comprising 4 dampers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com