Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FY7BCH-02 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # FY7BCH-02
Description  Nch POWER MOSFET HIGH-SPEED SWITCHING USE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FY7BCH-02 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  FY7BCH-02 Datasheet HTML 1Page - Powerex Power Semiconductors FY7BCH-02 Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are subject
to change.
Sep.1998
MITSUBISHI Nch POWER MOSFET
FY7BCH-02
HIGH-SPEED SWITCHING USE
V (BR) DSS
IGSS
IDSS
VGS (th)
rDS (ON)
rDS (ON)
VDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-a)
trr
V
µA
mA
V
m
m
V
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
ns
20
0.4
0.7
20
29
0.140
15
950
350
260
20
65
135
130
0.75
50
±0.1
0.1
1.3
27
40
0.189
1.1
78.1
ELECTRICAL CHARACTERISTICS (Tch = 25°C)
Drain-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state resistance
Drain-source on-state voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
Reverse recovery time
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
ID = 1mA, VGS = 0V
VGS = ±10V, VDS = 0V
VDS = 20V, VGS = 0V
ID = 1mA, VDS = 10V
ID = 7A, VGS = 4V
ID = 3.5A, VGS = 2.5V
ID = 7A, VGS = 4V
ID = 7A, VDS = 10V
VDS = 10V, VGS = 0V, f = 1MHz
VDD = 10V, ID = 3.5A, VGS = 4V, RGEN = RGS = 50
IS = 1.5A, VGS = 0V
Channel to ambient
IS = 1.5A, dis/dt = –50A/
µs


Similar Part No. - FY7BCH-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FY7BCH-02 RENESAS-FY7BCH-02 Datasheet
45Kb / 3P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY7BCH-02B RENESAS-FY7BCH-02B Datasheet
80Kb / 6P
   MITSUBISHI POWER MOSFET HIGH-SPEED SWITCHING USE Nch POWER MOSFET
FY7BCH-02B RENESAS-FY7BCH-02B_15 Datasheet
104Kb / 8P
   HIGH-SPEED SWITCHING USE Nch POWER MOSFET
FY7BCH-02F RENESAS-FY7BCH-02F Datasheet
149Kb / 3P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY7BCH-02 RENESAS-FY7BCH-02_15 Datasheet
68Kb / 5P
   HIGH-SPEED SWITCHING USE
More results

Similar Description - FY7BCH-02

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FK7VS-12 POWEREX-FK7VS-12 Datasheet
57Kb / 5P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS100KMJ-03 POWEREX-FS100KMJ-03 Datasheet
47Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10AS-3 POWEREX-FS10AS-3 Datasheet
42Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10ASJ-03 POWEREX-FS10ASJ-03 Datasheet
43Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10ASJ-3 POWEREX-FS10ASJ-3 Datasheet
42Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10KM-9 POWEREX-FS10KM-9 Datasheet
50Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10SM-10 POWEREX-FS10SM-10 Datasheet
50Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10SM-18A POWEREX-FS10SM-18A Datasheet
46Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS12KMA-5A POWEREX-FS12KMA-5A Datasheet
23Kb / 2P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS12UMA-4A POWEREX-FS12UMA-4A Datasheet
44Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS14KM-10 POWEREX-FS14KM-10 Datasheet
50Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com