Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZ1E220KC Datasheet(PDF) 4 Page - DB Lectro Inc

Part # FZ1E220KC
Description  CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FZ1E220KC Datasheet(HTML) 4 Page - DB Lectro Inc

  FZ1E220KC Datasheet HTML 1Page - DB Lectro Inc FZ1E220KC Datasheet HTML 2Page - DB Lectro Inc FZ1E220KC Datasheet HTML 3Page - DB Lectro Inc FZ1E220KC Datasheet HTML 4Page - DB Lectro Inc FZ1E220KC Datasheet HTML 5Page - DB Lectro Inc FZ1E220KC Datasheet HTML 6Page - DB Lectro Inc FZ1E220KC Datasheet HTML 7Page - DB Lectro Inc FZ1E220KC Datasheet HTML 8Page - DB Lectro Inc FZ1E220KC Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CORRESPONDING TO RoHS DIRECTIVE
Aluminum electrolytic
capacitors
Chip type
Radial lead type
Snap-in type
RoHS compliant
Yes
Yes
Yes
RoHS
restricted
substances
Most concerns
on terminals
Plating on
terminals
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Construction of
terminals
Fe/Cu/Sn
Fe/Cu/Sn
Fe/Cu/Sn
Plating
characters
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 10 m
Plating type matte
No heat treatment after plating
Insulating
sleeve
No used
Replace PVC with PET
(where customer designated)
Replace PVC with PET
(where customer designated)
Resistance to
soldering heat
Please see "Lead Free Reflow
Soldering Condition" for chip
type aluminum electrolytic
capacitors
No change
No change
Solderability
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Tensile strength
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Pb
Whisker
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Whisker is not observed
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Cr
6+
Plating material
< 2ppm
< 2ppm
< 2ppm
Hg
< 2ppm
< 2ppm
< 2ppm
Cd
< 2ppm
< 2ppm
< 2ppm
PBB
Not detected
Not detected
Not detected
PBDE
Not detected
Not detected
Not detected
Identification for RoHS
compliance products
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
MSL Level
(IPC/JEDEC J-STD-020C)
Not available
No need for dry package
Not available
No need for dry package
Not available
No need for dry package
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - FZ1E220KC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FZ1000R33HE3 INFINEON-FZ1000R33HE3 Datasheet
468Kb / 9P
   IHM-B module with fast Trench/Fieldstop IGBT3 and Emitter Controlled3 diode
2010-07-16 revision:2.2
logo
Power Integrations, Inc...
FZ1000R33HE3 POWERINT-FZ1000R33HE3 Datasheet
221Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-26
logo
Infineon Technologies A...
FZ1000R33HL3 INFINEON-FZ1000R33HL3 Datasheet
471Kb / 9P
   IHM-B module with Trench/Fieldstop IGBT3 and Emitter Controlled3 diode
2010-04-26 revision:2.4
logo
Power Integrations, Inc...
FZ1000R33HL3 POWERINT-FZ1000R33HL3 Datasheet
220Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-26
logo
GOOD-ARK Electronics
FZ1110 GOOD-ARK-FZ1110 Datasheet
204Kb / 5P
   Surface Mount Zener Diodes
More results

Similar Description - FZ1E220KC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KZ1H010KC DBLECTRO-KZ1H010KC Datasheet
564Kb / 13P
   CHIP TYPE, EXTRA LOW IMPEDANCE
logo
jb Capacitors Company
JRD JBCAPACITORS-JRD Datasheet
480Kb / 3P
   Low Impedance, Long Life
logo
RUBYCON CORPORATION
16YXF470MEFC10X12.5 RUBYCON-16YXF470MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF100MEFCTA8X11.5 RUBYCON-50YXF100MEFCTA8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF330MEFC10X20 RUBYCON-50YXF330MEFC10X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
63YXF100MEFC10X12.5 RUBYCON-63YXF100MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF470MEFC12.5X20 RUBYCON-50YXF470MEFC12.5X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
logo
DB Lectro Inc
EL1A100KC DBLECTRO-EL1A100KC Datasheet
515Kb / 13P
   CHIP TYPE, LONG LIFE ASSURANCE
logo
RUBYCON CORPORATION
50YXF100MEFC8X11.5 RUBYCON-50YXF100MEFC8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
100YXF100MEFC12.5X20 RUBYCON-100YXF100MEFC12.5X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com