Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6042 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC6042
Description  Silicon NPN Triple Diffused Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6042 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC6042 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6042 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6042 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6042 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6042 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC6042
2006-11-13
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 800 V, IE = 0
100
μA
Emitter cut-off current
IEBO
VEB = 8 V, IC = 0
100
μA
Collector-base breakdown voltage
V (BR) CBO
IC = 1 mA, IB = 0
800
V
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
375
V
hFE (1)
VCE = 5 V, IC = 1 mA
80
hFE (2)
VCE = 5 V, IC = 0.1 A
100
200
DC current gain
hFE (3)
VCE = 5 V, IC = 0.2 A
80
Collector emitter saturation voltage
VCE (sat)
IC = 0.8 A, IB = 0.1 A
1.0
V
Base-emitter saturation voltage
VBE (sat)
IC = 0.8 A, IB = 0.1 A
1.3
V
Rise time
tr
0.5
Storage time
tstg
4.5
Switching time
Fall time
tf
IB1 = 20 mA, −IB2 = 50 mA
DUTY CYCLE ≤ 1%
0.2
μs
Marking
20 μs
VCC ≈ 200 V
INPUT
OUT-
PUT
IB21
IB1
IB2
IC
C6042
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - 2SC6042

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6042 TOSHIBA-2SC6042 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SC6042

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2793 TOSHIBA-2SC2793 Datasheet
211Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
2SD641 TOSHIBA-2SD641 Datasheet
92Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE
logo
KEC(Korea Electronics)
BF420 KEC-BF420 Datasheet
52Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE
BF422 KEC-BF422 Datasheet
52Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SC5459 TOSHIBA-2SC5459_07 Datasheet
141Kb / 4P
   Silicon NPN Triple Diffused Type
2N3055 TOSHIBA-2N3055 Datasheet
186Kb / 2P
   silicon NPN triple diffused type
2SD1408 TOSHIBA-2SD1408 Datasheet
105Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
2SC6034 TOSHIBA-2SC6034 Datasheet
180Kb / 5P
   Silicon NPN Triple Diffused Type
logo
Guangdong Kexin Industr...
2SC3138 KEXIN-2SC3138 Datasheet
37Kb / 1P
   Silicon NPN Triple Diffused Type
logo
Toshiba Semiconductor
2SC3182 TOSHIBA-2SC3182 Datasheet
91Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
2SD845 TOSHIBA-2SD845 Datasheet
242Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com