Electronic Components Datasheet Search |
|
JQX-13F4CBAC48V1LD Datasheet(PDF) 4 Page - DB Lectro Inc |
|
JQX-13F4CBAC48V1LD Datasheet(HTML) 4 Page - DB Lectro Inc |
4 / 4 page 7.15 7.15 2 1C 6 4.6 2C 6 4.6 1C 5- 2.5 2C (+) (+) 4C 6 4.6 3C 7.15 6 4.6 4C 3C 7.15 (+) (+) 43 2 model 1 model Reference Data 40 35 30 25 25 15 75 8- 2.5 11- 2.5 14- 2.5 29 12.8 26 JQX-14FC & JQX-14FC (4124) 12 JQX-14FC 3 1A SPSTNO 2A DPSTNO 1C SPDT(B-M) 2C DPDT(B-M) AgCdO AgSnO 2 1A:16A/250VAC,30VDC; 1C:10A,16A,20A/250VAC,30VDC; 10A/250VAC,14VDC(20A Application for 5mm Pole-distance) 2A,2C:5A,8A/220VAC, 30VDC;JQX-14FC ;2A:8A/220VAC;2C:6A/220VAC 3 Motor load:1HP 250VAC ; 1/2HP 125VAC Lamp load:TV-5 600W 5000VA 110VDC 380VAC Max. Switching Current:20A 50m Item 3.12 of IEC255-7 5 10 Item 3.30 of IEC255-7 76 10 5 10 (JQX-14FC ) Item 3.31 of IEC255-7 3 2 1.5mm=3mm (JQX-14FC ) 3 CC 12 0.53 15 10 03001003501 E9930952E01 E160644 R2033977 CC 12 CC 12 CC 12 003-530 3 3.9 17 2.25 0.3 005-530 5 6.5 47 3.75 0.5 006-530 6 7.8 68 4.50 0.6 009-530 9 11.7 153 6.75 0.9 012-530 12 15.6 275 9.00 1.2 024-530 24 31.2 1100 18.0 2.4 76 JQX-14FC & JQX-14FC (4124)JQX-14FC 12 3 R C US Dimensions 1.102max. 1.693 1.102max. 38 1.496 Inserting type PCB type Leading end shape diagram 0.197 0.098 0.059(0.079) 0.197 0.098 0.181 0.236 0.281 0.098 0.281 0.181 0.236 0.181 0.236 0.098 0.281 0.098 0.281 mm /inch 1.5(2) Max. 28max. Release Time ms Coil voltage VDC Coil resistance 10% Pick up voltage VDC(max) (75%of rated voltage ) Release voltage VDC(min) ( 10%of rated voltage ) Coil power consumption W Operate Time ms Rated Max Dash numbers Coil Power W Operate time Coil temp. Rise Contact current A Life expectancy Contact switching capacity Contact voltage V AC Resistive DC Resistive Mechanical life DC type Mechanical life AC type Operate time Release time Features Heavy load, suitable for heavy power reverse. Small size, suitable for high-density mounting. Up to 5000VAC dielectric strength. Between open contacts of JQX-14FC 3000VAC dielectric strength. 3 Contact gap of JQX-14FC :2 1.5mm=3mm. 3 Suitable for remote control TV set, copy machine, sales machine and air conditioner etc. Ordering Information JQX-14FC C S 10 DC12V 0.8 3.5 1 1 2 3 4 5 6 7 1 Part number JQX-14FC JQX-14FC JQX-14FC 123 2 Contact arrangement A:1A 2A:2A C:1C 2C:2C 3 Enclosure S: Sealed type Z: Dust cover 4 Contact current 3A,5A,6A,8A,10A,16A,20A 5 Coil rated voltage(V) DC:3,5,6,9,12,15,24 AC:6,12,24,48,110,120,220 6 Coil power cunsumption NIL:0.53W 0.8:0.8W 1:1VA 1.2:1.2W 7 Pole-distance 3.5:3.5mm 5:5.0mm Contact Data Contact Arrangement Contact Material Operation life Contact Rating (resistive) Contact gap Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Electrical Mechanical CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria. Coil Parameter DC NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only. Wiring diagram (Bottom view) Mounting (Bottom view) Dimensions Coil Power W Ningbo Forward Relay Corporation LTD. |
Similar Part No. - JQX-13F4CBAC48V1LD |
|
Similar Description - JQX-13F4CBAC48V1LD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |