Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK371 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK371
Description  Silicon N Channel Junction Type For Low Noise Audio Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK371 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK371 Datasheet HTML 1Page - Toshiba Semiconductor 2SK371 Datasheet HTML 2Page - Toshiba Semiconductor 2SK371 Datasheet HTML 3Page - Toshiba Semiconductor 2SK371 Datasheet HTML 4Page - Toshiba Semiconductor 2SK371 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SK371
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel Junction Type
2SK371
For Low Noise Audio Amplifier Applications
• Suitable for use as first stage for equalizer and MC head amplifiers.
• High |Yfs|: |Yfs| = 40 mS (typ.) (VDS = 10 V, VGS = 0, IDSS = 5 mA)
• High breakdown voltage: VGDS = −40 V
• Super low noise: NF = 1.0dB (typ.)
(VDS = 10 V, ID = 0.5 mA, f = 1 kHz, RG = 100 Ω)
• High input impedance: IGSS = −1 nA (max) (VGS = −30 V)
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Gate-drain voltage
VGDS
−40
V
Gate current
IG
10
mA
Drain power dissipation
PD
200
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and
individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate cut-off current
IGSS
VGS = −30 V, VDS = 0
−1.0
nA
Gate-drain breakdown voltage
V (BR) GDS
VDS = 0, IG = −100 μA
−40
V
Drain current
IDSS
(Note 1)
VDS = 10 V, VGS = 0
5.0
30
mA
Gate-source cut-off voltage
VGS (OFF)
VDS = 10 V, ID = 0.1 μA
−0.3
−1.2
V
Forward transfer admittance
⎪Yfs
VDS = 10 V, VGS = 0, f = 1 kHz,
(typ.: IDSS = 5 mA)
25
40
mS
Input capacitance
Ciss
VDS = 10 V, VGS = 0, f = 1 MHz
75
pF
Reverse transfer capacitance
Crss
VDG = 10 V, ID = 0, f = 1 MHz
15
pF
NF (1)
VDS = 10 V, RG = 100 Ω, ID = 5 mA,
f
= 100 Hz
5
10
Noise figure
(Note 2)
NF (2)
VDS = 10 V, RG = 100 Ω, ID = 5 mA,
f
= 1 kHz
1
2
dB
Note 1: IDSS classification GR: 5.0~10.0 mA, BL: 8.0~16.0 mA, V: 14.0~30.0 mA
Note 2: Use this in the low voltage region (VDS < 15 V) for low noise applications.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-4E1C
Weight: 0.13 g (typ.)


Similar Part No. - 2SK371

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK371 TOSHIBA-2SK371 Datasheet
244Kb / 4P
   N CHANNEL JUNCTION TYPE (FOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK371 TOSHIBA-2SK371 Datasheet
134Kb / 1P
   MINI PACKAGE SERIES
logo
Sanken electric
2SK3710 SANKEN-2SK3710 Datasheet
647Kb / 6P
   Built-in gate protection diode
logo
Inchange Semiconductor ...
2SK3710 ISC-2SK3710 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanken electric
2SK3711 SANKEN-2SK3711 Datasheet
307Kb / 9P
   Low on-resistance
More results

Similar Description - 2SK371

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3320 TOSHIBA-2SK3320_07 Datasheet
589Kb / 5P
   Silicon N Channel Junction Type For Low Noise Audio Amplifier Applications
2SK369 TOSHIBA-2SK369_07 Datasheet
754Kb / 5P
   Silicon N Channel Junction Type For Low Noise Audio Amplifier Applications
2SK370 TOSHIBA-2SK370_07 Datasheet
654Kb / 5P
   Silicon N Channel Junction Type For Low Noise Audio Amplifier Applications
2SK117 TOSHIBA-2SK117_07 Datasheet
579Kb / 4P
   Silicon N Channel Junction Type Low Noise Audio Amplifier Applications
2SK170 TOSHIBA-2SK170_07 Datasheet
644Kb / 5P
   Silicon N Channel Junction Type Low Noise Audio Amplifier Applications
2SK184 TOSHIBA-2SK184_07 Datasheet
580Kb / 4P
   Silicon N Channel Junction Type Low Noise Audio Amplifier Applications
2SK370 TOSHIBA-2SK370 Datasheet
221Kb / 4P
   N CHANNEL JUNCTION TYPE (FOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK371 TOSHIBA-2SK371 Datasheet
244Kb / 4P
   N CHANNEL JUNCTION TYPE (FOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK3320 TOSHIBA-2SK3320 Datasheet
193Kb / 4P
   N CHANNEL JUNCTION TYPE (FOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK369 TOSHIBA-2SK369 Datasheet
243Kb / 4P
   N CHANNEL JUNCTION TYPE (FOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com