Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6087 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC6087
Description  Silicon NPN Epitaxial Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6087 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC6087 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6087 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6087 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6087 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6087 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC6087
2007-06-07
3
0.001
0.01
0.1
1
10
1
0.1
−55
Ta
=100°C
25
0.001
0.01
0.1
10
1000
10
100
1
1
VCE = 2V
10
5
10
1
0.1
Ta
= 100°C
−55
25
0.001
0.01
0.1
1
10
0.01
1000
1
0.001
10
100
0.01
0.1
1
10
Ta
= 100°C
−55
25
0
0.5
1
0.5
2
0
1
1.5
2.5
Ta
= 100℃
25
− 55
2
1.5
IB = 5 mA
50
20
0
1
2
3
4
5
0
0.5
1.5
2.5
10
200
500
100
1
2
10
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
fT – IC
Collector current IC (A)
VBE (sat) – IC
Common emitter
VCE = 2 V
Pulse test
Common emitter
Ta
= 25°C
Pulse test
Common emitter
IC/IB
= 10
Pulse test
Common emitter
Ta
= 25°C
Pulse test
Common emitter
VCE = 2 V
Pulse test
Common emitter
IC/IB
= 10
Pulse test


Similar Part No. - 2SC6087

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6087 TOSHIBA-2SC6087 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SC6087

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
logo
Toshiba Semiconductor
2SC3298 TOSHIBA-2SC3298 Datasheet
109Kb / 2P
   SILICON NPN EPITAXIAL TYPE
2SC5714 TOSHIBA-2SC5714_06 Datasheet
139Kb / 5P
   Silicon NPN Epitaxial Type
logo
Guangdong Kexin Industr...
2SC2713 KEXIN-2SC2713 Datasheet
36Kb / 1P
   Silicon NPN Epitaxial Type
logo
Toshiba Semiconductor
2SC6061 TOSHIBA-2SC6061 Datasheet
205Kb / 5P
   Silicon NPN Epitaxial Type
TPC6501 TOSHIBA-TPC6501 Datasheet
175Kb / 5P
   Silicon NPN Epitaxial Type
2SC6033 TOSHIBA-2SC6033_06 Datasheet
212Kb / 5P
   Silicon NPN Epitaxial Type
2SC6075 TOSHIBA-2SC6075 Datasheet
168Kb / 5P
   Silicon NPN Epitaxial Type
logo
Isahaya Electronics Cor...
INC5003AH1 ISAHAYA-INC5003AH1 Datasheet
141Kb / 4P
   SILICON NPN EPITAXIAL TYPE
logo
Toshiba Semiconductor
BD135 TOSHIBA-BD135 Datasheet
214Kb / 3P
   SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com