Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HL1V220MC Datasheet(PDF) 1 Page - DB Lectro Inc

Part # HL1V220MC
Description  ALUMINIUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HL1V220MC Datasheet(HTML) 1 Page - DB Lectro Inc

  HL1V220MC Datasheet HTML 1Page - DB Lectro Inc HL1V220MC Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Load life of 5000 hours at 105°C
Safety vent construction design
For electronic ballast circuits, switching power supply, automotive and other
long life required applications
OUTLINE
mm
D
10131618
F
d
SPECIFICATIONS
W.V.
6
6
200
400
450
400
5
6-
0.6
C : Rated Capacitance (u F)
V : Working Voltage (V)
200
250
350
Characteristics
-40°C ~ +105°C
-40°C ~ +105°C
Shelf Test
Surge Voltage (25°C)
Temperature Characteristics
Impedance ratio at 120Hz
Leakage Current
Capacitance Change
tan
δ
250
350
Leakage Current
Load Test
Dissipation Factor (120Hz, 25°C)
After 5000 hours application of WV at +105°C, the capacitor shall meet the following limits:
≤ ± 20% of initial value
tan
δ
160
250
350
≤ initial specified value
450
160
200
400
450
200
250
300
500
± 20% (M)
160 ~ 400Vdc
450Vdc
450
160
I : Leakage Current (u A)
W.V.
S.V.
≤ 200% of initial specified value
After 1000 hours, no voltage applied at +105°C, the capacitor shall meet the following limits:
Capacitance Change
≤ ± 25% of initial value
tan
δ
≤ 200% of initial specified value
≤ 200% of initial specified value
Items
Operation Temperature
Rated Working Voltage Range
Capacitance Tolerance
(120Hz, 25°C)
Leakage Current (25°C)
(After 2 minutes applying the DC working voltage)
I
≤ 0.06CV + 10 (u A)
400
5.0
7.5
W.V.
0.8
0.24
0.15
0.15
0.15
0.20
0.24
6
- 25°C / + 25°C
- 40°C / + 25°C
66
3335
RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
HL Series
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - HL1V220MC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL1-HTM-AC240V PANASONIC-HL1-HTM-AC240V Datasheet
151Kb / 7P
   TYPICAL APPLICATIONS
logo
Vishay Siliconix
HL100 VISHAY-HL100 Datasheet
135Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
Revision: 12-Mar-14
logo
HYES Optoelectronics, I...
HL1002 HYES-HL1002 Datasheet
1Mb / 24P
   OLED (96 횞 RGB 횞 64)
logo
Rectron Semiconductor
HL101W RECTRON-HL101W Datasheet
260Kb / 4P
   SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results

Similar Description - HL1V220MC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
GW1A100KC DBLECTRO-GW1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SR1A100KC DBLECTRO-SR1A100KC Datasheet
200Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SM1A100KC DBLECTRO-SM1A100KC Datasheet
197Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1AM101I ETC2-ECA-1AM101I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
ECA-1EM221B ETC2-ECA-1EM221B Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
SS1A100KC DBLECTRO-SS1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM100I ETC2-ECA-1EM100I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com