Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12CWQ03FNTRLPBF Datasheet(PDF) 1 Page - International Rectifier

Part # 12CWQ03FNTRLPBF
Description  SCHOTTKY RECTIFIER 12 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

12CWQ03FNTRLPBF Datasheet(HTML) 1 Page - International Rectifier

  12CWQ03FNTRLPBF Datasheet HTML 1Page - International Rectifier 12CWQ03FNTRLPBF Datasheet HTML 2Page - International Rectifier 12CWQ03FNTRLPBF Datasheet HTML 3Page - International Rectifier 12CWQ03FNTRLPBF Datasheet HTML 4Page - International Rectifier 12CWQ03FNTRLPBF Datasheet HTML 5Page - International Rectifier 12CWQ03FNTRLPBF Datasheet HTML 6Page - International Rectifier 12CWQ03FNTRLPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCHOTTKY RECTIFIER
12 Amp
12CWQ03FNPbF
www.irf.com
1
Bulletin PD-21087 rev. A 05/06
Major Ratings and Characteristics
I
F(AV) Rectangular
12
A
waveform
V
RRM
30
V
I
FSM @ tp = 5 μs sine
320
A
V
F
@6 Apk, T
J = 125°C
0.37
V
(per leg)
T
J
range
- 55 to 150
°C
Characteristics
Values
Units
Description/ Features
The 12CWQ03FNPbF surface mount, center tap, Schottky
rectifier series has been designed for applications requiring low
forward drop and small foot prints on PC board. Typical applica-
tions are in disk drives, switching power supplies, converters, free-
wheeling diodes, battery charging, and reverse battery
protection.
Popular D-PAK outline
Center tap configuration
Small foot print, surface mountable
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
Lead-Free ("PbF" suffix)
IF(AV) = 12Amp
VR = 30V
Case Styles
D-PAK (TO-252AA)
Anode
1
3
4
Anode
2
Base
Common
Cathode
Common
Cathode


Similar Part No. - 12CWQ03FNTRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12CWQ03FNTRLPBF VISHAY-12CWQ03FNTRLPBF Datasheet
140Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
More results

Similar Description - 12CWQ03FNTRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12CWQ06FNPBF IRF-12CWQ06FNPBF Datasheet
196Kb / 8P
   SCHOTTKY RECTIFIER 12 Amp
12CWQ10FNPBF IRF-12CWQ10FNPBF Datasheet
190Kb / 7P
   SCHOTTKY RECTIFIER 12 Amp
logo
Micro Commercial Compon...
MBRD1220CT MCC-MBRD1220CT Datasheet
130Kb / 2P
   12 Amp Schottky Rectifier 20V-45V
MBR12100AULPS MCC-MBR12100AULPS Datasheet
331Kb / 2P
   12 Amp Schottky Barrier Rectifier 100 Volts
logo
SHENZHEN YONGERJIA INDU...
SK22 WINNERJOIN-SK22 Datasheet
233Kb / 3P
   Amp Schottky Rectifier
logo
Micro Commercial Compon...
SB1220 MCC-SB1220_13 Datasheet
311Kb / 3P
   12 Amp Schottky Barrier Rectifier 20 to 100 Volts
SB1220 MCC-SB1220 Datasheet
479Kb / 3P
   12 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR12120LPS MCC-MBR12120LPS Datasheet
247Kb / 2P
   12 Amp Low VF Schottky Barrier Rectifier 120 Volts
MBR12150LPS MCC-MBR12150LPS Datasheet
312Kb / 2P
   12 Amp Low VF Schottky Barrier Rectifier 150 Volts
MBR12100LPS MCC-MBR12100LPS_17 Datasheet
663Kb / 3P
   12 Amp Low VF Schottky Barrier Rectifier 100 Volts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com