Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1V221MC Datasheet(PDF) 1 Page - DB Lectro Inc

Part # SR1V221MC
Description  ALUMINIUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SR1V221MC Datasheet(HTML) 1 Page - DB Lectro Inc

  SR1V221MC Datasheet HTML 1Page - DB Lectro Inc SR1V221MC Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Load life of 2000 hours at 85°C
High value of CV range
Standard series for general purpose
Applications for TV, video, audio, office and home appliances, etc.
OUTLINE
mm
D
5
6.3
8
10131618202225
F
2.0
2.5
3.5
12.5
d1
SPECIFICATIONS
6.3
10
16
25
35
40
50
63
100
160
200
250
350
400
450
8
13
20
32
44
50
63
79
125
200
250
300
400
450
500
6.3
10
16
25
35
40
50
63
100
160
200
250
350
400
450
0.25 0.20 0.17 0.15 0.12 0.12 0.10 0.10 0.10 0.15 0.15 0.15 0.20 0.20 0.20
6.3
10
16
25
35
40
50
63
100
160
200
250
350
400
450
443322222333666
10
86433333444666
10.5
0.8
5.0
0.5
0.6
7.5
W.V.
S.V.
tan
δ
- 25°C / + 25°C
Characteristics
Items
-40°C ~ +85°C
-25°C ~ +85°C
Operation Temperature
Rated Working Voltage Range
6.3 ~ 100Vdc
160 ~ 450Vdc
± 20% (M)
I
≤ 0.01CV or 3 (u A)
I
≤ 0.03CV + 10 (u A)
Capacitance Tolerance
(After 2 minutes applying the DC working voltage)
(After 5 minutes applying the DC working voltage)
Leakage Current (25°C)
I : Leakage Current (u A)
C : Rated Capacitance (u F)
V : Working Voltage (V)
(120Hz, 25°C)
≤ 200% of initial specified value
Load Test
Dissipation Factor (120Hz, 25°C)
For capacitance exceeding 1000 u F, add 0.02 per increment of 1000 u F
After 2000 hours application of WV at +85°C, the capacitor shall meet the following limits:
- 40°C / + 25°C
≤ ± 20% of initial value
≤ 150% of initial specified value
≤ initial specified value
After 1000 hours, no voltage applied at +85°C, the capacitor shall meet the following limits:
Capacitance Change
≤ ± 20% of initial value
tan
δ
≤ 150% of initial specified value
Shelf Test
Surge Voltage (25°C)
W.V.
W.V.
Temperature Characteristics
Impedance ratio at 120Hz
Leakage Current
Capacitance Change
tan
δ
Leakage Current
RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
SR Series
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - SR1V221MC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
logo
STMicroelectronics
SR1 STMICROELECTRONICS-SR1 Datasheet
488Kb / 21P
   Integrated test mode
logo
CUI INC
SR1 CUI-SR1 Datasheet
459Kb / 5P
   SIGNAL RELAY
06/07/2022
logo
TiMOTION Technology Co....
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
   Max. load 4,000N (push/pull)
20230509-B
logo
CUI Devices
SR1 CUID-SR1 Datasheet
421Kb / 5P
   SIGNAL RELAY
10/27/2022
More results

Similar Description - SR1V221MC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
GW1A100KC DBLECTRO-GW1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SM1A100KC DBLECTRO-SM1A100KC Datasheet
197Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1AM101I ETC2-ECA-1AM101I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
HL1A100KC DBLECTRO-HL1A100KC Datasheet
196Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM221B ETC2-ECA-1EM221B Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
SS1A100KC DBLECTRO-SS1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM100I ETC2-ECA-1EM100I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com