Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN1A100KR Datasheet(PDF) 4 Page - DB Lectro Inc

Part # CN1A100KR
Description  CHIP TYPE, NON-POLARIZED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CN1A100KR Datasheet(HTML) 4 Page - DB Lectro Inc

  CN1A100KR Datasheet HTML 1Page - DB Lectro Inc CN1A100KR Datasheet HTML 2Page - DB Lectro Inc CN1A100KR Datasheet HTML 3Page - DB Lectro Inc CN1A100KR Datasheet HTML 4Page - DB Lectro Inc CN1A100KR Datasheet HTML 5Page - DB Lectro Inc CN1A100KR Datasheet HTML 6Page - DB Lectro Inc CN1A100KR Datasheet HTML 7Page - DB Lectro Inc CN1A100KR Datasheet HTML 8Page - DB Lectro Inc CN1A100KR Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CORRESPONDING TO RoHS DIRECTIVE
Aluminum electrolytic
capacitors
Chip type
Radial lead type
Snap-in type
RoHS compliant
Yes
Yes
Yes
RoHS
restricted
substances
Most concerns
on terminals
Plating on
terminals
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Construction of
terminals
Fe/Cu/Sn
Fe/Cu/Sn
Fe/Cu/Sn
Plating
characters
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 10 m
Plating type matte
No heat treatment after plating
Insulating
sleeve
No used
Replace PVC with PET
(where customer designated)
Replace PVC with PET
(where customer designated)
Resistance to
soldering heat
Please see "Lead Free Reflow
Soldering Condition" for chip
type aluminum electrolytic
capacitors
No change
No change
Solderability
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Tensile strength
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Pb
Whisker
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Whisker is not observed
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Cr
6+
Plating material
< 2ppm
< 2ppm
< 2ppm
Hg
< 2ppm
< 2ppm
< 2ppm
Cd
< 2ppm
< 2ppm
< 2ppm
PBB
Not detected
Not detected
Not detected
PBDE
Not detected
Not detected
Not detected
Identification for RoHS
compliance products
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
MSL Level
(IPC/JEDEC J-STD-020C)
Not available
No need for dry package
Not available
No need for dry package
Not available
No need for dry package
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - CN1A100KR

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CN1 CDIL-CN1 Datasheet
258Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Tyco Electronics
CN1 MACOM-CN1 Datasheet
43Kb / 1P
   On Delay, Time Delay Relay For Plug-In or Panel Mounting
logo
Japan Aviation Electron...
CN10 JAE-CN10 Datasheet
316Kb / 7P
   PUSH-ON COUPLING
CN10-RB-M-0-R JAE-CN10-RB-M-0-R Datasheet
316Kb / 7P
   PUSH-ON COUPLING
CN10-RB1-M-0-R JAE-CN10-RB1-M-0-R Datasheet
316Kb / 7P
   PUSH-ON COUPLING
More results

Similar Description - CN1A100KR

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KP1H010KC DBLECTRO-KP1H010KC Datasheet
507Kb / 13P
   CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Assmann Electronics Inc...
AK500-U-3-R ASSMANN-AK500-U-3-R Datasheet
96Kb / 1P
   Power cord - SPT2 Non-Polarized
logo
Tyco Electronics
V23101-D0101-A201 MACOM-V23101-D0101-A201 Datasheet
1Mb / 13P
   1 pole PCB relay, non-polarized
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
5-1462000-5 MACOM-5-1462000-5 Datasheet
472Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
Illinois Capacitor, Inc...
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
logo
CW Industries
GRS-2011-3020 CWIND-GRS-2011-3020 Datasheet
24Kb / 1P
   ASSEMBLY DWG, S.P.S.T. ROCKER NON-POLARIZED 1.072 x .480 PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com